Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-2Q3 Datasheet (PDF) - STMicroelectronics

CLT03-2Q3 Datasheet PDF - STMicroelectronics
Part # CLT03-2Q3
Download  CLT03-2Q3 Download
File Size   1038.9 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Self powered digital input current limiter

CLT03-2Q3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLT03-2Q3 Datasheet PDF - STMicroelectronics

Part # CLT03-2Q3
Download  CLT03-2Q3 Click to download

File Size   1038.9 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Self powered digital input current limiter

CLT03-2Q3 Datasheet (HTML) - STMicroelectronics


CLT03-2Q3 Product details

Features
• Single and dual isolated channel devices
• No power supply needed
• Digital input current limitation
• Enables input to meet type 1 and 3 characteristic of IEC 61131-2 standard
• Deglitch filter for EMC robustness
• High side / Low side compatible
• Inputs are reverse plugin compatible
• Drive isolated opto-couplers or non-isolated LVTTL digital input termination
• Operating ambient temperature range from -30 °C to 125 °C
• Two packages
– SOT23-8L - 650 μm pitch
– QFN-16L - 500 μm pitch
• Complies with the following standards:
– IEC 61000-4-2 level 1: ±4 kV (air discharge)
– IEC 61000-4-2 level 1: ±2 kV (contact discharge)

Applications
Where current limitation is required in factory automation applications:
• Programmable logic controller
• Remote input module

Description
The CLT03 series is a digital input current limiter which drastically reduces the power
dissipation of the digital inputs.
It does not require external power supply as the device is activated with the input
signal and it consumes no power in off state.
The CLT03 series is high side and low side compatible, as well as reverse plugin
compatible. It can drive either opto-coupler or 3.3 V LVTTL circuit.
The CLT03-2Q3 can be evaluated thanks to the STEVAL-IFP035V1 evaluation board
which embeds an isolated and non-isolated digital inputs configuration.




Similar Part No. - CLT03-2Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
High speed protected digital termination array
23-Apr-2013
CLT01-38S4-TR STMICROELECTRONICS-CLT01-38S4-TR Datasheet
290Kb / 8P
High speed protected digital termination array
23-Apr-2013
CLT01-38SQ7 STMICROELECTRONICS-CLT01-38SQ7 Datasheet
488Kb / 18P
High speed digital input current limiter
31-Jul-2015
CLT01-38SQ7-TR STMICROELECTRONICS-CLT01-38SQ7-TR Datasheet
488Kb / 18P
High speed digital input current limiter
31-Jul-2015
More results


Similar Description - CLT03-2Q3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
Self-Powered Isolated Comparator
logo
Murata Power Solutions ...
DMS-20PC-0-DCM MURATA-PS-DMS-20PC-0-DCM Datasheet
150Kb / 2P
Self-Powered, Positive Input LED Display, DC Voltage Monitors
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
Self-Powered LED Display, Negative Input DC Voltage Monitor
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
Self-Powered Isolated Comparator
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
Self-powered Total Counter
logo
STMicroelectronics
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
High speed digital input current limiter with digital filter
November 2015
CLT01-38SQ7 STMICROELECTRONICS-CLT01-38SQ7 Datasheet
488Kb / 18P
High speed digital input current limiter
31-Jul-2015
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
logo
Maxim Integrated Produc...
MAX22517 MAXIM-MAX22517_V01 Datasheet
2Mb / 25P
Self-Powered, 2-Channel, 3.5kVRMS Digital Isolator
2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com