Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT01-38SQ7 Datasheet (PDF) - STMicroelectronics

CLT01-38SQ7 Datasheet PDF - STMicroelectronics
Part # CLT01-38SQ7
Download  CLT01-38SQ7 Download
File Size   488.81 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed digital input current limiter

CLT01-38SQ7 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLT01-38SQ7 Datasheet PDF - STMicroelectronics

Part # CLT01-38SQ7
Download  CLT01-38SQ7 Click to download

File Size   488.81 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed digital input current limiter

CLT01-38SQ7 Datasheet (HTML) - STMicroelectronics


CLT01-38SQ7 Product details

Description
The CLT01-38SQ7 provides an 8-line protected digital input termination with serialized state transfer. This device enhances the I/O module density by cutting the dissipation (78 mW per input) and reducing the count of opto-transistors. Its 6.25 MHz SPI peripheral output serializes the input state transfer to the I/O module controller. 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106)하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106) 하이라이프 퍼펙트VVIP보험(Hi1106)

Features
■ 8 inputs - 8-bit SPI output
■ High side input with common ground
■ 5 V Voltage regulator

Applications
■ Programmable logic controller and remote input modules
■ High speed protected termination for digital input with serialized SPI output
■ IEC61131-2 type 1, 2 and 3
■ Compliant with EN60947-5-2 Benefits
■ Simplified design due to – Built-in over voltage robustness and immune data transfer – Compliance with sensors and PLC's standards
■ Space saving in cost effective solution with – Integrated QFN 7x7 package – SPI output reducing opto-couplers quantity
■ Energy efficient solution – Energy-less input LED visual status powered by inputs current – Low overall dissipation versus discrete




Similar Part No. - CLT01-38SQ7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
High speed protected digital termination array
23-Apr-2013
CLT01-38S4-TR STMICROELECTRONICS-CLT01-38S4-TR Datasheet
290Kb / 8P
High speed protected digital termination array
23-Apr-2013
More results


Similar Description - CLT01-38SQ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
Precision Current Limiter
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Texas Instruments
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
Precision Current Limiter
logo
STMicroelectronics
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
High speed digital input current limiter with digital filter
November 2015
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
High speed digital input current limiter evaluation board based on CLT01-8SQ7
17-Dec-2015
logo
VPT, Inc.
DVCL28 VPT-DVCL28 Datasheet
446Kb / 9P
HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
logo
STMicroelectronics
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
Self powered digital input current limiter
25-Nov-2022
logo
Renesas Technology Corp
PS2503-1 RENESAS-PS2503-1 Datasheet
5Mb / 13P
LOW INPUT CURRENT, HIGH SPEED SWITCHING
Dec 25, 2020
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com