Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP031V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP031V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP031V1
Download  STEVAL-IFP031V1 Download
File Size   235.77 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed digital input current limiter evaluation board based on CLT01-8SQ7

STEVAL-IFP031V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP031V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP031V1
Download  STEVAL-IFP031V1 Click to download

File Size   235.77 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed digital input current limiter evaluation board based on CLT01-8SQ7

STEVAL-IFP031V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP031V1 Product details

Description
This evaluation board implements an 8-line protected digital input termination with serialized state transfer for Programmable Logic Controllers. It is based on the CLT01-8SQ7 device, which enhances the I/O module density by cutting dissipation (78 mW per input) and reducing the number of opto-transistors. A LED driver is embedded in each input section. Its 6.25 MHz SPI peripheral output serializes the input state transfer to the I/O module controller. The STEVAL-IFP030V1 evaluation board illustrates the SCTL3-8BQ7 flexibility with: 8/16bit mode with parity check, temperature and voltage alarms; daisy chain capability; MISOMISO/. The STEVAL-IFP031V1 evaluation board can be chained with many other STEVAL-IFP031V1 evaluation boards. The adapter board can be placed between the first STEVAL-IFP031V1 evaluation board of the chain and the STEVAL-PCC009V2 STM32x microcontroller evaluation board. This adapter offers 2 buses: isolated and non-isolated.




Similar Part No. - STEVAL-IFP031V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-IFP032V1 STMICROELECTRONICS-STEVAL-IFP032V1 Datasheet
340Kb / 5P
Eight-channel high-side driver based on the VNI8200XP-32
02-Feb-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
More results


Similar Description - STEVAL-IFP031V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4625 STMICROELECTRONICS-AN4625 Datasheet
648Kb / 26P
STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
26-Jan-2015
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
High speed digital input current limiter with digital filter
November 2015
STEVAL-IFP023V1 STMICROELECTRONICS-STEVAL-IFP023V1 Datasheet
269Kb / 4P
16-bit digital input card based on the CLT01-38S4 high-speed protected digital termination array
09-Dec-2014
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
CLT01-38SQ7 STMICROELECTRONICS-CLT01-38SQ7 Datasheet
488Kb / 18P
High speed digital input current limiter
31-Jul-2015
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
Self powered digital input current limiter
25-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com