Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP031V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP031V1
Description  High speed digital input current limiter evaluation board based on CLT01-8SQ7
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP031V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP031V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP031V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP031V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP031V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFP031V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 2015
DocID028745 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IFP031V1
High speed digital input current limiter evaluation board based on
CLT01-8SQ7
Data brief
Features
8 inputs - 8-bit SPI output
High side input with common ground
5 V voltage regulator
Package: QFN 7 x 7 - 48 L
30 V reverse polarity capable
Adjustable current limiters
LED output for visual status
Optional 16-bit mode with parity check,
temperature and voltage alarms
Daisy chain capable
Power dissipation 78 mW per channel
RoHS compliant
Description
This evaluation board implements an 8-line
protected digital input termination with serialized
state transfer for Programmable Logic
Controllers. It is based on the CLT01-8SQ7
device, which enhances the I/O module density
by cutting dissipation (78 mW per input) and
reducing the number of opto-transistors. A LED
driver is embedded in each input section.
Its 6.25 MHz SPI peripheral output serializes the
input state transfer to the I/O module controller.
The STEVAL-IFP030V1 evaluation board
illustrates the SCTL3-8BQ7 flexibility with: 8/16-
bit mode with parity check, temperature and
voltage alarms; daisy chain capability; MISO-
MISO/.
The STEVAL-IFP031V1 evaluation board can be
chained with many other STEVAL-IFP031V1
evaluation boards.
The adapter board can be placed between the
first STEVAL-IFP031V1 evaluation board of the
chain and the STEVAL-PCC009V2 STM32x
microcontroller evaluation board. This adapter
offers 2 buses: isolated and non-isolated.


Similar Part No. - STEVAL-IFP031V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-IFP032V1 STMICROELECTRONICS-STEVAL-IFP032V1 Datasheet
340Kb / 5P
Eight-channel high-side driver based on the VNI8200XP-32
02-Feb-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
More results

Similar Description - STEVAL-IFP031V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4625 STMICROELECTRONICS-AN4625 Datasheet
648Kb / 26P
STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
26-Jan-2015
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
High speed digital input current limiter with digital filter
November 2015
STEVAL-IFP023V1 STMICROELECTRONICS-STEVAL-IFP023V1 Datasheet
269Kb / 4P
16-bit digital input card based on the CLT01-38S4 high-speed protected digital termination array
09-Dec-2014
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
CLT01-38SQ7 STMICROELECTRONICS-CLT01-38SQ7 Datasheet
488Kb / 18P
High speed digital input current limiter
31-Jul-2015
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
Self powered digital input current limiter
25-Nov-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com