Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JANS2ST3360KG Datasheet(PDF) 8 Page - STMicroelectronics

Part # JANS2ST3360KG
Description  Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JANS2ST3360KG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button JANS2ST3360KG Datasheet HTML 4Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 5Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 6Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 7Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 8Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 9Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 10Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 11Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5
Ordering information
Table 8. Ordering information
Part number
Agency
specification
Screening
options
Radiation
level
Package
Weight
Lead finish
Marking(1)
Packing
J2ST3360K1
-
Engineering
model
-
Flat-8
0.7 g
Gold
J2ST3360K1
Strip pack
JANS2ST3360KG
MIL-PRF-
M19500/773
Flight model
-
JANSM19500/773-01
JANS2ST3360KT
-
Solder dip
JANSM19500/773-01
JANSR2ST3360KG
100 krad
Gold
JANSRM19500/773-01
JANSR2ST3360KT
Solder dip
JANSRM19500/773-01
1. Specific marking only. The full marking includes in addition: For the engineering models: ST logo, date code; country of origin (FR). For JANS and JANSR: ST
logo, date code, country of origin (FR), ESA logo, serial number of the part within the assembly lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com