Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JANS2ST3360KG Datasheet(PDF) 1 Page - STMicroelectronics

Part # JANS2ST3360KG
Description  Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JANS2ST3360KG Datasheet(HTML) 1 Page - STMicroelectronics

  JANS2ST3360KG Datasheet HTML 1Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 2Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 3Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 4Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 5Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 6Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 7Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 8Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Flat-8
1
4
5
8
Pin 4 and pin 5
are connected together to the seal ring and lid
Flat-8
1
2
3
8
7
6
4
5
C1
B1
E1
C2
B2
E2
Features
Vceo
IC(max.)
HFE at 10 V,
150 mA
Tj(max.)
60 V
0.8 A
> 100
200 °C
•
Hermetic package
•
Qualified as per MIL-PRF-M19500/773
•
100 krad
Description
The JANS2ST3360K is dual complementary (NPN and PNP) bipolar transistor in a
single Flat-8 hermetic package. Qualified as per MIL-PRF-M19500/773 it is available
in JANS and JANSR screening options.
Able to operate under critical environment and radiation exposure, it provides high
reliability performance and immunity to the total ionizing dose (TID) at high and low
dose rate conditions.
Specifically recommended for space and harsh environment applications it is suitable
for low current and high precision circuits such preamplifiers, oscillators, current
mirror configuration and high peak current required in power MOSFET driver circuits.
In case of discrepancies between this datasheet and the relevant agency
specification, the latter takes precedence.
Product summary
Product summary
Part-number
Screening
options
Agency
specification
Package
Radiation
level
J2ST3360K1
Engineering model
-
Flat-8
-
JANS2ST3360Kx
JANS
MIL-PRF-M19500/773
-
JANSR2ST3360Kx
JANSR
100 krad
Note:
See Table 8 for ordering information.
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
JANS2ST3360K
Datasheet
DS11305 - Rev 3 - February 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - JANS2ST3360KG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS2N2218 MICROSEMI-JANS2N2218 Datasheet
68Kb / 2P
NPN SWITCHING SILICON TRANSISTOR
JANS2N2218A MICROSEMI-JANS2N2218A Datasheet
68Kb / 2P
NPN SWITCHING SILICON TRANSISTOR
JANS2N2218AL MICROSEMI-JANS2N2218AL Datasheet
68Kb / 2P
NPN SWITCHING SILICON TRANSISTOR
JANS2N2219 MICROSEMI-JANS2N2219 Datasheet
68Kb / 2P
NPN SWITCHING SILICON TRANSISTOR
JANS2N2219A MICROSEMI-JANS2N2219A Datasheet
68Kb / 2P
NPN SWITCHING SILICON TRANSISTOR
More results

Similar Description - JANS2ST3360KG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
logo
STMicroelectronics
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
ON Semiconductor
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
STMicroelectronics
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2N3810HR STMICROELECTRONICS-2N3810HR Datasheet
359Kb / 14P
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
08-Sep-2020
2ST15300 STMICROELECTRONICS-2ST15300 Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com