Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN908 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN908
Description  APPLICATION NOTE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN908 Datasheet(HTML) 4 Page - STMicroelectronics

  AN908 Datasheet HTML 1Page - STMicroelectronics AN908 Datasheet HTML 2Page - STMicroelectronics AN908 Datasheet HTML 3Page - STMicroelectronics AN908 Datasheet HTML 4Page - STMicroelectronics AN908 Datasheet HTML 5Page - STMicroelectronics AN908 Datasheet HTML 6Page - STMicroelectronics AN908 Datasheet HTML 7Page - STMicroelectronics AN908 Datasheet HTML 8Page - STMicroelectronics AN908 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0
2
4
6
8
10
12
14
78
80
82
84
86
88
90
92
94
Output Current
η%
Vo=3.3V
Vo=2.9V
Figure 2. Efficiency vs. Output Current
Figure 5. Load Transient
Io = 12A to 0.5A
CH1: Vo = 2.9V (50mV/div)
CH2: Io (5A/div)
Time: 5
µs/div
Figure 4. Load Transient
Io = 0.5A to 12A
CH1: Vo = 2.9V (50mV/div)
CH2: Io (5A/div)
Time: 5
µs/div
Figure 3. Input Current
CH1: Iinput (5V) (1A/div)
CH2: Vo = 2.9V (50mV/div)
Time: 10
µs/div
dIi/dt = 0.04A/
µs
dIo/dt = 30A/
µs
dIo/dt = 30A/
µs
Vo = 2.9V
Vo = 2.9V
(A)
AN908 APPLICATION NOTE
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com