Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN908 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN908
Description  APPLICATION NOTE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN908 Datasheet(HTML) 5 Page - STMicroelectronics

  AN908 Datasheet HTML 1Page - STMicroelectronics AN908 Datasheet HTML 2Page - STMicroelectronics AN908 Datasheet HTML 3Page - STMicroelectronics AN908 Datasheet HTML 4Page - STMicroelectronics AN908 Datasheet HTML 5Page - STMicroelectronics AN908 Datasheet HTML 6Page - STMicroelectronics AN908 Datasheet HTML 7Page - STMicroelectronics AN908 Datasheet HTML 8Page - STMicroelectronics AN908 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
COMPONENT LIST
R1
6.8k
R19
3.6k
C16
1
µF/50V
R2
1.8
R20
2.7k
C17
220nF
R3
10k
R21
10k
C18
1.2nF
R4
4.7
R21a
3k
C19
1
µF/50V
R5
27k
R22
3k
C20-22
220nF
R6
510
R23
3.09k (0.1%)
Q1
STP80N03L-06
R7
3.3
R24
6.19k (0.1%)
Q2
BC337
R8
4.7
R25
12.4k
Q3
BC327
R9
1k
R26
24.9k
D1
STPS20L25CT
R10
20k
R27
xx
D2-5
1N4148
R10a
2k
RR1
10k (5+1)
IC1
L4990A
R11
2k
C1-4
470
µF/25V HFQ Panasonic
IC2
LM339
R12
22k
C5-8
330
µF/6.3V SANYO-Oscon
IC3
M74HC125
R13
2k
C9
33nF
L1
77120(6T) Magnetics
R14
4.99k (0.1%)
C10
680pF
L2
40705-TC(50T) Magnetics
R15
2k
C11
150pF
L3
T38-52(4T) Micrometals
R16
10k
C12
220pF
R17
6.2k
C13
47
µF/50V
R18
6.2k
C14-15
5.6nF
Figure 6. PCB Layout - Xerigraphy (77.47 x 78.74mm)
AN908 APPLICATION NOTE
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com