Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C451 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 80C451
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C451 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 80C451 Datasheet HTML 8Page - NXP Semiconductors 80C451 Datasheet HTML 9Page - NXP Semiconductors 80C451 Datasheet HTML 10Page - NXP Semiconductors 80C451 Datasheet HTML 11Page - NXP Semiconductors 80C451 Datasheet HTML 12Page - NXP Semiconductors 80C451 Datasheet HTML 13Page - NXP Semiconductors 80C451 Datasheet HTML 14Page - NXP Semiconductors 80C451 Datasheet HTML 15Page - NXP Semiconductors 80C451 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Philips Semiconductors
Product specification
80C451/83C451/87C451
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
12
AC ELECTRICAL CHARACTERISTICS1 (continued)
Tamb = 0°C to +70°C, VCC = 5V ±10%, VSS = 0V (87C451, 83C451, 80C451)2
12MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Port 6 input (input rise and fall times = 5ns)
tFLFH
8
PE width
270
3tCLCL+20
ns
tILIH
8
IDS width
270
3tCLCL+20
ns
tDVIH
8
Data setup to IDS high or PE high
0
0
ns
tIHDX
8
Data hold after IDS high or PE high
30
30
ns
tIVFV
9
IDS to BFLAG (IBF) delay
130
130
ns
Port 6 output
tOLOH
6
ODS width
270
3tCLCL+20
ns
tFVDV
7
SEL to data out delay
85
85
ns
tOLDV
6
ODS to data out delay
80
80
ns
tOHDZ
6
ODS to data float delay
35
35
ns
tOVFV
6
ODS to AFLAG (OBF) delay
100
100
ns
tFLDV
6
PE to data out delay
120
120
ns
tOHFH
7
ODS to AFLAG (SEL) delay
100
100
ns
External Clock
tCHCX
10
High time
20
20
ns
tCLCX
10
Low time
20
20
ns
tCLCH
10
Rise time
20
20
ns
tCHCL
10
Fall time
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com