Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C451 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 80C451
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C451 Datasheet(HTML) 2 Page - NXP Semiconductors

  80C451 Datasheet HTML 1Page - NXP Semiconductors 80C451 Datasheet HTML 2Page - NXP Semiconductors 80C451 Datasheet HTML 3Page - NXP Semiconductors 80C451 Datasheet HTML 4Page - NXP Semiconductors 80C451 Datasheet HTML 5Page - NXP Semiconductors 80C451 Datasheet HTML 6Page - NXP Semiconductors 80C451 Datasheet HTML 7Page - NXP Semiconductors 80C451 Datasheet HTML 8Page - NXP Semiconductors 80C451 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Philips Semiconductors
Product specification
80C451/83C451/87C451
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, expanded I/O
2
1998 May 01
853-0830 19327
DESCRIPTION
The Philips 8XC451 is an I/O expanded single-chip microcontroller
fabricated with Philips high-density CMOS technology. Philips
epitaxial substrate minimizes latch-up sensitivity.
The 8XC451 (includes the 80C451, 87C451 and 83C451) is a
functional extension of the 87C51 microcontroller with three
additional I/O ports and four I/O control lines for a total of 68 pins.
Four control lines associated with port 6 facilitate high-speed
asynchronous I/O functions.
The 8XC451 includes a 4k
× 8 ROM (83C451) EPROM (87C451), a
128
× 8 RAM, 56 I/O, two 16-bit timer/counters, a five source, two
priority level, nested interrupt structure, a serial I/O port for either a
full duplex UART, I/O expansion, or multi-processor
communications, and on-chip oscillator and clock circuits. The
80C451 ROMless version includes all of the 83C451 features except
the on-board 4k
× 8 ROM.
The 87C451 has 4k of EPROM on-chip as program memory and is
otherwise identical to the 83C451.
The 8XC451 has two software selectable modes of reduced activity
for further power reduction; idle mode and power-down mode. Idle
mode freezes the CPU while allowing the RAM, timers, serial port,
and interrupt system to continue functioning. Power-down mode
freezes the oscillator, causing all other chip functions to be
inoperative while maintaining the RAM contents.
FEATURES
• 80C51 based architecture
• Seven 8-bit I/O ports
• Port 6 features:
– Eight data pins
– Four control pins
– Direct MPU bus interface
– Parallel printer interface
• On the microcontroller:
– 4k
× 8 ROM (83C451)
4k
× 8 EPROM (87C451)
ROMless version (80C451)
– 128
× 8 RAM
– Two 16-bit counter/timers
– Two external interrupts
• External memory addressing capability
– 64k ROM and 64k RAM
• Low power consumption:
– Normal operation: less than 24mA at 5V, 12MHz
– Idle mode
– Power-down mode
PIN CONFIGURATION
LCC
91
61
10
26
60
44
27
43
Pin
Function
1EA/VPP
2
P2.0/A8
3
P2.1/A9
4
P2.2/A10
5
P2.3/A11
6
P2.4/A12
7
P2.5/A13
8
P2.6/A14
9
P2.7/A15
10
P0.7/AD7
11
P0.6/AD6
12
P0.5/AD5
13
P0.4/AD4
14
P0.3/AD3
15
P0.2/AD2
16
P0.1/AD1
17
P0.0/AD0
18
VCC
19
P4.7
20
P4.6
21
P4.5
22
P4.4
23
P4.3
Pin
Function
24
P4.2
25
P4.1
26
P4.0
27
P1.0
28
P1.1
29
P1.2
30
P1.3
31
P1.4
32
P1.5
33
P1.6
34
P1.7
35
RST
36
P3.0/RxD
37
P3.1/TxD
38
P3.2/INT0
39
P3.3/INT1
40
P3.4/T0
41
P3.5/T1
42
P3.6/WR
43
P3.7/RD
44
P5.0
45
P5.1
46
P5.2
Pin
Function
47
P5.3
48
P5.4
49
P5.5
50
P5.6
51
P5.7
52
XTAL2
53
XTAL1
54
VSS
55
ODS
56
IDS
57
BFLAG
58
AFLAG
59
P6.0
60
P6.1
61
P6.2
62
P6.3
63
P6.4
64
P6.5
65
P6.6
66
P6.7
67
PSEN
68
ALE/PROG
SU00084A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com