Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3881 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3881
Description  0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3881 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3881 Datasheet HTML 1Page - National Semiconductor (TI) LP3881 Datasheet HTML 2Page - National Semiconductor (TI) LP3881 Datasheet HTML 3Page - National Semiconductor (TI) LP3881 Datasheet HTML 4Page - National Semiconductor (TI) LP3881 Datasheet HTML 5Page - National Semiconductor (TI) LP3881 Datasheet HTML 6Page - National Semiconductor (TI) LP3881 Datasheet HTML 7Page - National Semiconductor (TI) LP3881 Datasheet HTML 8Page - National Semiconductor (TI) LP3881 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3881
0.8A Fast-Response Ultra Low Dropout Linear
Regulators
General Description
The LP3881 is a high current, fast response regulator which
can maintain output voltage regulation with minimum input to
output voltage drop. Fabricated on a CMOS process, the
device operates from two input voltages: Vbias provides
voltage to drive the gate of the N-MOS power transistor,
while Vin is the input voltage which supplies power to the
load. The use of an external bias rail allows the part to
operate from ultra low Vin voltages. Unlike bipolar regula-
tors, the CMOS architecture consumes extremely low quies-
cent current at any output load current. The use of an
N-MOS power transistor results in wide bandwidth, yet mini-
mum external capacitance is required to maintain loop sta-
bility.
The fast transient response of these devices makes them
suitable for use in powering DSP, Microcontroller Core volt-
ages and Switch Mode Power Supply post regulators. The
parts are available in TO-220, TO-263 and PSOP-8 pack-
ages.
Dropout Voltage: 75 mV (typ) @ 0.8A load current.
Ground Pin Current: 3 mA (typ) at full load.
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature accu-
racy.
Features
n
Ultra low dropout voltage (75 mV @ 0.8A typ)
n
Low ground pin current
n
Load regulation of 0.04%/A
n
60 nA typical quiescent current in shutdown
n
1.5% output accuracy (25˚C)
n
TO-220, TO-263 and PSOP-8 packages
n
Over temperature/over current protection
n
−40˚C to +125˚C junction temperature range
Applications
n
DSP Power Supplies
n
Server Core and I/O Supplies
n
PC Add-in-Cards
n
Local Regulators in Set-Top Boxes
n
Microcontroller Power Supplies
n
High Efficiency Power Supplies
n
SMPS Post-Regulators
Typical Application Circuit
20063001
At least 4.7 µF of input and output capacitance is required for stability.
June 2006
© 2006 National Semiconductor Corporation
DS200630
www.national.com


Similar Part No. - LP3881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3881 TI2-LP3881 Datasheet
621Kb / 19P
LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
LP3881ES-1.2/NOPB TI1-LP3881ES-1.2/NOPB Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3881ES-1.2/NOPB TI2-LP3881ES-1.2/NOPB Datasheet
621Kb / 19P
LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
LP3881ES-1.2/NOPB.A TI2-LP3881ES-1.2/NOPB.A Datasheet
621Kb / 19P
LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
More results

Similar Description - LP3881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3891 NSC-LP3891 Datasheet
307Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com