Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp AT45DB021E Datasheet HTML 66Page - Renesas Technology Corp AT45DB021E Datasheet HTML 67Page - Renesas Technology Corp AT45DB021E Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
DS-AT45DB021E-8789 Rev. L
Page 64
8/11/22
© 2022 Renesas Electronics
AT45DB021E Datasheet
29.3 Ordering Codes (Binary Page Mode)
1. The shipping carrier suffix is not marked on the device.
2. Parts ordered with suffix code ‘2B’ are shipped in tape and reel (T&R) with the page size set to 256 bytes.
This option is only available for shipping in T&R (-T).
3. Contact Renesas Electronics for availability.
29.4 Ordering Codes (Reserved)
1. The shipping carrier suffix is not marked on the device.
2. Parts ordered with suffix code ‘HA’ are shipped in tape and reel (T&R) only with the page size set to 264 bytes.
3. Parts ordered with suffix code ‘HC’ are shipped in tape and reel (T&R) only with the page size set to 256 bytes.
Contact Renesas Electronics for a description of these ‘Reserved’ codes.
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB021E-SSHN2B-T[1][2]
8S1
NiPdAu
1.65 V to 3.6 V
70 MHz
Industrial
(-40
°C to 85 °C)
AT45DB021E-SHN2B-T[1][2]
8S2
AT45DB021E-MHN2B-T[1][2]
8MA1
AT45DB021E-UUN2B-T [1][2][3]
CS2-8A
Package Type
8S1
8-lead 0.150" wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead 0.208" wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6mm body), Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)
CS2-8A
8-ball 1.9 x 1.4mm Wafer Level Chip Scale Package
DWF
Die in Wafer Form
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB021E-SSHNHA-T[1][2]
8S1
NiPdAu
1.65 V to 3.6 V
70 MHz
Industrial
(-40
°C to 85 °C)
AT45DB021E-SHNHA-T[1][2]
8S2
AT45DB021E-SSHNHC-T[1][3]
8S1
AT45DB021E-SHNHC-T[1][3]
8S2
Package Type
8S1
8-lead 0.150" wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead 0.208" wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6mm body), Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com