Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 10Page - Renesas Technology Corp AT45DB021E Datasheet HTML 11Page - Renesas Technology Corp AT45DB021E Datasheet HTML 12Page - Renesas Technology Corp AT45DB021E Datasheet HTML 13Page - Renesas Technology Corp AT45DB021E Datasheet HTML 14Page - Renesas Technology Corp AT45DB021E Datasheet HTML 15Page - Renesas Technology Corp AT45DB021E Datasheet HTML 16Page - Renesas Technology Corp AT45DB021E Datasheet HTML 17Page - Renesas Technology Corp AT45DB021E Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
DS-AT45DB021E-8789 Rev. L
Page 14
8/11/22
© 2022 Renesas Electronics
AT45DB021E Datasheet
which page of the main memory array to read and the last nine bits (BA8 - BA0) of the 19-bit address sequence
specify the starting byte address within the page. To perform a Continuous Array Read using the binary page size
(256 bytes), the opcode 01h must be clocked into the device followed by three address bytes (A17 - A0).
Following the address bytes, additional clock pulses on the SCK pin result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When
the end of a page in the main memory is reached during a Continuous Array Read, the device continues reading
at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from
the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device continues reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays are incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR3 specification. The
Continuous Array Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
7.3
Main Memory Page Read
A Main Memory Page Read allows the user to read data directly from any one of the 1,024 pages in the main
memory, bypassing the data buffer and leaving the contents of the Buffer unchanged. To start a Main Memory
Page Read using the standard DataFlash page size (264 bytes), the CS pin must first be asserted then an opcode
of D2h must be clocked into the device followed by three address bytes (which comprise the 24-bit page and byte
address sequence) and four dummy bytes. The first 10 bits (PA9 - PA0) of the 19-bit address sequence specify
which page of the main memory array to read, and the last nine bits (BA8 - BA0) of the 19-bit address sequence
specify the starting byte address within the page. To perform a Main Memory Page Read with the binary page size
(256 bytes), the opcode D2h must be clocked into the device followed by three address bytes (A17 - A0) and four
dummy bytes. The first 10 bits (A17 - A8) of the 18-bit address sequence specify which page of the main memory
array to read, and the last eight bits (A7 - A0) of the 18-bit address sequence specify the starting byte address
within that page. The dummy bytes that follow the address bytes are sent to initialize the read operation. Following
the dummy bytes, the additional pulses on SCK result in data being output on the SO (Serial Output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the
reading of data. Unlike the Continuous Array Read command, when the end of a page in main memory is reached,
the device continues reading back at the beginning of the same page rather than the beginning of the next page.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Main Memory Page Read is defined by the fSCK specification. The
Main Memory Page Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
7.4
Buffer Read
The data buffer can be accessed independently from the main memory array, and utilizing the Buffer Read
command allows data to be sequentially read directly from the Buffer. Two opcodes, D4h or D1h, can be used for
the Buffer Read command. The use of each opcode depends on the maximum SCK frequency that is used to read
data from the Buffer. The D4h opcode can be used at any SCK frequency up to the maximum specified by fCAR
while the D1h opcode can be used for lower frequency read operations up to the maximum specified by fCAR2.
To perform a Buffer Read using the standard DataFlash buffer size (264 bytes), the opcode must be clocked into
the device followed by three address bytes comprised of 15 dummy bits and nine buffer address bits (BFA8 -
BFA0). To perform a Buffer Read using the binary buffer size (256 bytes), the opcode must be clocked into the
device followed by three address bytes comprised of 16 dummy bits and eight address bits (A7 - A0). Following
the address bytes, one dummy byte must be clocked into the device to initialize the read operation if using opcode
D4h. The CS must remain low during the loading of the opcode, the address bytes, the dummy byte (for opcode
D4h only), and the reading of data. When the end of a buffer is reached, the device continues reading back at the
beginning of the Buffer. A low-to-high transition on the CS pin terminates the read operation and tri-state the
output pin (SO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com