Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 45Page - Renesas Technology Corp AT45DB641E Datasheet HTML 46Page - Renesas Technology Corp AT45DB641E Datasheet HTML 47Page - Renesas Technology Corp AT45DB641E Datasheet HTML 48Page - Renesas Technology Corp AT45DB641E Datasheet HTML 49Page - Renesas Technology Corp AT45DB641E Datasheet HTML 50Page - Renesas Technology Corp AT45DB641E Datasheet HTML 51Page - Renesas Technology Corp AT45DB641E Datasheet HTML 52Page - Renesas Technology Corp AT45DB641E Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
49
AT45DB641E
DS-45DB641E-027N–DFLASH–2/2022
18.5
Program and Erase Characteristics
Notes: 1.
Values are based on device characterization, not 100% tested in production.
2.
Not 100% tested (value guaranteed by design and characterization).
19.
Input Test Waveforms and Measurement Levels
20.
Output Test Load
1.7V to 3.6V
2.3V to 3.6V
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Units
t
EP
Page Erase and Programming
Time (256/264 bytes)
10
35
8
35
ms
t
P
Page Programming Time
1.5
5
1.5
3
ms
tBP
Byte Programming Time
8
8
µs
t
PE
Page Erase Time
7
35
7
35
ms
t
BE
Block Erase Time
25
50
25
50
ms
tSE
Sector Erase Time
2.5
6.5
2.5
6.5
s
t
CE
Chip Erase Time
80
208
80
208
s
t
SUSP
Suspend Time
Program
8
12
8
12
µs
Erase
20
30
20
30
t
RES
Resume Time
Program
3
5
3
5
µs
Erase
3
5
3
5
tOTPP
OTP Security Register Program Time
200
500
200
500
µs
AC
Driving
Levels
AC
Measurement
Level
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2ns (10% to 90%)
Device
Under
Test
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com