Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 61Page - Renesas Technology Corp AT45DB641E Datasheet HTML 62Page - Renesas Technology Corp AT45DB641E Datasheet HTML 63Page - Renesas Technology Corp AT45DB641E Datasheet HTML 64Page - Renesas Technology Corp AT45DB641E Datasheet HTML 65Page - Renesas Technology Corp AT45DB641E Datasheet HTML 66Page - Renesas Technology Corp AT45DB641E Datasheet HTML 67Page - Renesas Technology Corp AT45DB641E Datasheet HTML 68Page - Renesas Technology Corp AT45DB641E Datasheet HTML 69Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
DS-45DB641E-027
N
2/2022
Changed company logo to Renesas.
68
AT45DB641E
DS-45DB641E-027N–DFLASH–2/2022
29.
Revision History
Doc. Rev.
Date
Comments
DS-45DB641E-027A
8/2013
Initial document release.
DS-45DB641E-027B
10/2013
Updated spec in Continuous Array Read (1Bh Opcode) to
fCAR4. Corrected Low Power
Read Option (up to 15MHz). Corrected Ultra-Deep Power-Down current (400nA typical).
Updated spec for Input High Voltage (Max) to V
CC + 0.6V. Updated DC and AC
parameters, and Program and Erase Characteristics. Updated datasheet status to
Preliminary.
DS-45DB641E-027C
11/2013
Corrected Memory Architecture Diagram, Figure 3.1.
DS-45DB641E-027D
1/2014
Added Exit Ultra-Deep Power-Down (Chip Select Low).
DS-45DB641E-027E
1/2014
Updated specifications for I
DPD, ISB, ICC2, fCAR2, and tXUDPD. Removed Preliminary status.
DS-45DB641E-027F
4/2015
Added WLCSP package. Expanded explanation of Power up/Power down (Section 16).
Corrected Table 6-4 (Additional Commands, “Main Memory to Buffer”). Corrected
Ordering Code Detail Diagram (voltage range).
DS-45DB641E-027G
6/2015
Added Die in Wafer Form package option. Updated 44-WLCSP package title.
DS-45DB641E-027H
1/2016
Corrected page size reference in Ordering Detail Diagram. Updated UUN package
diagram.
DS-45DB641E-027I
1/2017
Added patent information.
DS-45DB641E-027J
8/2017
Updated 6 x 8 VDFN package drawing.
DS-45DB641E-027K
2/2019
Removed 9CC, 9-ball UBGA package option.
DS-45DB641E-027
L
8/20
21
Corrected Ordering Detail figure (Section 27.1).
DS-45DB641E-027
M
9/2021
Removed
WLCSP package option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com