Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4001BMS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CD4001BMS
Description  CMOS NOR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4001BMS Datasheet(HTML) 8 Page - Renesas Technology Corp

  CD4001BMS Datasheet HTML 1Page - Renesas Technology Corp CD4001BMS Datasheet HTML 2Page - Renesas Technology Corp CD4001BMS Datasheet HTML 3Page - Renesas Technology Corp CD4001BMS Datasheet HTML 4Page - Renesas Technology Corp CD4001BMS Datasheet HTML 5Page - Renesas Technology Corp CD4001BMS Datasheet HTML 6Page - Renesas Technology Corp CD4001BMS Datasheet HTML 7Page - Renesas Technology Corp CD4001BMS Datasheet HTML 8Page - Renesas Technology Corp CD4001BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CD4000BMS, CD4001BMS, CD4002BMS, CD4025BMS
FN3289 Rev 0.00
Page 8 of 9
November 1994
Typical Performance Characteristics
FIGURE 1. TYPICAL VOLTAGE TRANSFER
CHARACTERISTICS
FIGURE 2. TYPICAL POWER DISSIPATION vs FREQUENCY
FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
AMBIENT TEMPERATURE (TA) = +25oC
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
15
10
5
0
5
10
15
20
25
INPUT VOLTAGE (VI) (V)
AMBIENT TEMPERATURE (TA) = +25oC
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
10V
CL = 15pF
CL = 50pF
105
8
6
4
28
6
4
22
INPUT FREQUENCY (fI) (kHz)
110
102
103
104
8
6
4
28
6
4
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
104
103
102
10
AMBIENT TEMPERATURE (TA) = +25oC
10V
5V
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0510
15
5
10
15
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
AMBIENT TEMPERATURE (TA) = +25oC
10V
5V
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
2.5
5
7.5
10
12.5
15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE (TA) = +25oC
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
-5
-10
-15
-20
-25
-30
-10V
-15V
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE (TA) = +25oC
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
-5
-10
-15
-10V
-15V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com