Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4001BMS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CD4001BMS
Description  CMOS NOR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4001BMS Datasheet(HTML) 9 Page - Renesas Technology Corp

  CD4001BMS Datasheet HTML 1Page - Renesas Technology Corp CD4001BMS Datasheet HTML 2Page - Renesas Technology Corp CD4001BMS Datasheet HTML 3Page - Renesas Technology Corp CD4001BMS Datasheet HTML 4Page - Renesas Technology Corp CD4001BMS Datasheet HTML 5Page - Renesas Technology Corp CD4001BMS Datasheet HTML 6Page - Renesas Technology Corp CD4001BMS Datasheet HTML 7Page - Renesas Technology Corp CD4001BMS Datasheet HTML 8Page - Renesas Technology Corp CD4001BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CD4000BMS, CD4001BMS, CD4002BMS, CD4025BMS
FN3289 Rev 0.00
Page 9 of 9
November 1994
Typical Performance Characteristics (Continued)
Chip Dimensions and Pad Layouts
FIGURE 7. TYPICAL TRANSITION TIME vs LOAD
CAPACITANCE
FIGURE 8. TYPICAL PROPAGATION DELAY TIME vs LOAD
CAPACITANCE
AMBIENT TEMPERATURE (TA) = +25oC
50
100
150
200
020
40
6080
100
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
LOAD CAPACITANCE (CL) (pF)
AMBIENT TEMPERATURE (TA) = +25oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
LOAD CAPACITANCE (CL) (pF)
200
175
150
125
100
75
50
25
0
10
20
30
40
50
60
70
80
90
100
CD4000BMS
CD4001BMS
CD4002BMS
CD4025BMS
Dimensions in parentheses are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-3 inch)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com