Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069UBMS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CD4069UBMS
Description  CMOS Hex Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4069UBMS Datasheet(HTML) 7 Page - Renesas Technology Corp

  CD4069UBMS Datasheet HTML 1Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 2Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 3Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 4Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 5Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 6Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 7Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CD4069UBMS
FN3321 Rev 0.00
Page 7 of 8
December 1992
FIGURE 10. TYPICAL PROPAGATION DELAY TIME vs SUPPLY
VOLTAGE
FIGURE 11. TYPICAL TRANSITION TIME vs LOAD
CAPACITANCE
FIGURE 12. TYPICAL DYNAMIC POWER DISSIPATION vs
FREQUENCY
FIGURE 13. VARIATION OF NORMALIZED PROPAGATION DELAY
TIME (tPHL AND tPLH) WITH SUPPLY VOLTAGE
Typical Performance Characteristics (Continued)
15pF
LOAD CAPACITANCE (CL) = 50pF
AMBIENT TEMPERATURE (TA) = +25oC
120
100
80
60
40
20
0
5
10
15
20
SUPPLY VOLTAGE (VDD) (V)
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
0
40
6080100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
AMBIENT TEMPERATURE (TA) = +25oC
SUPPLY VOLTAGE (VDD) = 15V
105
103
10
102
104
INPUT FREQUENCY (fI) (kHz)
10
102
103
104
105
8
6
4
28
6
4
28
6
4
28
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
10V
5V
10V
LOAD CAPACITANCE (CL) = 50pF
(11pF FIXTURE + 39pF EXT)
CL = 15pF (11pF FIXTURE +4pF EXT)
SUPPLY VOLTAGE (VDD) VOLTS
2
1
4
6
8
10
121416
2
3
4
5
AMBIENT TEMPERATURE (TA) = -40oC TO +125oC
FIGURE 14. DYNAMIC ELECTRICAL CHARACTERISTICS TEST CIRCUIT AND WAVEFORMS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT
200k
CL = 50pF
PULSE GEN.
tr = tf = 20ns
IN
50
VDD
90%
50%
10%
90%
50%
10%
VDD
VDD
0
0
INPUT
INVERTING
OUTPUT
tr
tf
tTLH
tTHL
tPLH
tPHL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com