Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069UBMS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CD4069UBMS
Description  CMOS Hex Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4069UBMS Datasheet(HTML) 8 Page - Renesas Technology Corp

  CD4069UBMS Datasheet HTML 1Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 2Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 3Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 4Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 5Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 6Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 7Page - Renesas Technology Corp CD4069UBMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CD4069UBMS
FN3321 Rev 0.00
Page 8 of 8
December 1992
Chip Dimensions and Pad Layout
Dimension in parenthesis are in millimeters and are derived
from the basic inch dimensions as indicated. Grid graduations
are in mils (10-3 inch).
METALLIZATION: Thickness: 11k
Å 14kÅ, AL.
PASSIVATION: 10.4kÅ - 15.6k
Å, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN
DIE THICKNESS: 0.0198 inches - 0.0218 inches
FIGURE 15. HIGH-INPUT IMPEDANCE AMPLIFIER
FIGURE 16. TYPICAL RC OSCILLATOR CIRCUIT
FIGURE 17. TYPICAL CRYSTAL OSCILLATOR CIRCUIT
FIGURE 18. INPUT PULSE SHAPING CIRCUIT
(SCHMITT TRIGGER)
1/6 CD4069
IN
OUT
Rf
 10 MEG
1/3 CD4069
RT
RS
CT
FOR TYPICAL COMPONENT
VALUES AND CIRCUIT PERFORMANCE,
SEE APPLICATION NOTE AN-6466
1/6 CD4069
Rf
XTAL
RS
CT
CS
FOR TYPICAL COMPONENT
VALUES AND CIRCUIT
PERFORMANCE, SEE
APPLICATION NOTES:
AN-6086 AND AN-6539
1/3 CD4069
Rf
IN
OUT
RS
UPPER SWITCHING POINT
RS + Rf
VP
Rf
VDD
2
LOWER SWITCHING POINT
VN
Rf - RS
Rf
Rf > RS
VDD
2
1
2
3
4
5
6
8
7
910
11
12
14
13
DIE SIZE:
48 X 48 (45 - 53)
(1.143 - 1.346)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com