Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101S Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAW101S
Description  High voltage double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAW101S Datasheet(HTML) 4 Page - NXP Semiconductors

  BAW101S Datasheet HTML 1Page - NXP Semiconductors BAW101S Datasheet HTML 2Page - NXP Semiconductors BAW101S Datasheet HTML 3Page - NXP Semiconductors BAW101S Datasheet HTML 4Page - NXP Semiconductors BAW101S Datasheet HTML 5Page - NXP Semiconductors BAW101S Datasheet HTML 6Page - NXP Semiconductors BAW101S Datasheet HTML 7Page - NXP Semiconductors BAW101S Datasheet HTML 8Page - NXP Semiconductors BAW101S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2003 May 13
4
Philips Semiconductors
Product specification
High voltage double diode
BAW101S
THERMAL CHARACTERISTICS
Notes
1. One or more diodes loaded.
2. Device mounted on an FR4 printed-circuit board, cathode-lead mounting pad = 1 cm2.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
note 1
255
K/W
Rth j-a
thermal resistance from junction to ambient
note 2
357
K/W
GRAPHICAL DATA
handbook, halfpage
0
(1)
(2)
50
100
Tamb (°C)
IF
(mA)
200
300
0
100
200
150
MLE057
Device mounted on an FR4 printed-circuit board.
Cathode-lead mounting pad = 1 cm2.
Fig.2
Maximum permissible continuous forward
current as a function of ambient
temperature.
(1) Single diode loaded.
(2) Double diode loaded.
handbook, halfpage
02
600
IF
(mA)
0
200
400
MBG384
1
VF (V)
(1)
(3)
(2)
(1) Tj = 150 °C; typical values.
(2) Tj =25 °C; typical values.
(3) Tj =25 °C; maximum values.
Fig.3
Forward current as a function of forward
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com