Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAW101S
Description  High voltage double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAW101S Datasheet(HTML) 2 Page - NXP Semiconductors

  BAW101S Datasheet HTML 1Page - NXP Semiconductors BAW101S Datasheet HTML 2Page - NXP Semiconductors BAW101S Datasheet HTML 3Page - NXP Semiconductors BAW101S Datasheet HTML 4Page - NXP Semiconductors BAW101S Datasheet HTML 5Page - NXP Semiconductors BAW101S Datasheet HTML 6Page - NXP Semiconductors BAW101S Datasheet HTML 7Page - NXP Semiconductors BAW101S Datasheet HTML 8Page - NXP Semiconductors BAW101S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2003 May 13
2
Philips Semiconductors
Product specification
High voltage double diode
BAW101S
FEATURES
• Small plastic SMD package
• High switching speed: max. 50 ns
• High continuous reverse voltage: 300 V
• Electrically insulated diodes.
APPLICATIONS
• High voltage switching
• Automotive
• Communication.
DESCRIPTION
The BAW101S is a high-speed switching diode array with
two separate dice, fabricated in planar technology and
encapsulated in a small SOT363 plastic SMD package.
MARKING
Note
1.
∗ = p: Made in Hong Kong.
∗ = t: Made in Malaysia.
∗ = W: Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BAW101S
K2
∗
PIN
DESCRIPTION
1
anode 1
2
n.c.
3
cathode 2
4
anode 2
5
n.c.
6
cathode 1
handbook, halfpage
MBL892
Top view
13
2
4
5
6
13
2
6
4
5
Fig.1
Simplified outline (SOT363) and symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com