Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8304AMILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 8304AMILF
Description  Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8304AMILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  8304AMILF Datasheet HTML 1Page - Renesas Technology Corp 8304AMILF Datasheet HTML 2Page - Renesas Technology Corp 8304AMILF Datasheet HTML 3Page - Renesas Technology Corp 8304AMILF Datasheet HTML 4Page - Renesas Technology Corp 8304AMILF Datasheet HTML 5Page - Renesas Technology Corp 8304AMILF Datasheet HTML 6Page - Renesas Technology Corp 8304AMILF Datasheet HTML 7Page - Renesas Technology Corp 8304AMILF Datasheet HTML 8Page - Renesas Technology Corp 8304AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
8304I Data Sheet
©2015 Integrated Device Technology, Inc
December 10, 2015
4
TABLE 3D. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD
= 3.3V±5%, V
DDO
= 2.5V±5%, TA = -40°C TO 85°C
TABLE 4A. AC CHARACTERISTICS, V
DD
= V
DDO
= 3.3V±5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
166
MHz
tp
LH
Propagation Delay,
Low-to-High; NOTE 1
ƒ
≤ 166MHz
2
3.3
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
125MHz,
Integration Range
12kHz – 20MHz
0.17
ps
tsk(o)
Output Skew; NOTE 2, 4
ƒ = 133MHz
50
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
600
ps
t
R
Output Rise Time
30% to 70%
250
500
ps
t
F
Output Fall Time
30% to 70%
250
500
ps
odc
Output Duty Cycle
40
60
%
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established
when the device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet
specifications after thermal equilibrium has been reached under these conditions.
NOTE: All parameters measured at 166MHz unless noted otherwise.
NOTE 1: Measured from V
DD
/2 of the input to V
DDO
/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at V
DDO
/2.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at V
DDO
/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
DD
+ 0.3
V
V
IL
Input Low Voltage
-0.3
1.3
V
I
IH
Input High Current
V
DD
= V
IN
= 3.465V
150
µA
I
IL
Input Low Current
V
DD
= 3.465V, V
IN
= 0V
-5
µA
V
OH
Output High Voltage; NOTE 1
2.1
V
V
OL
Output Low Voltage; NOTE 1
0.5
V
NOTE 1: Outputs terminated with 50
Ω
ΩΩΩ
to V
DDO
/2. See Parameter Measurement Section, “3.3V/2.5V Output Load Test Circuit”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com