Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8304AMILF Datasheet (PDF) - Renesas Technology Corp

8304AMILF Datasheet PDF - Renesas Technology Corp
Part # 8304AMILF
Download  8304AMILF Download
File Size   388.49 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer

8304AMILF Datasheet (PDF)

Go To PDF Page Download Datasheet
8304AMILF Datasheet PDF - Renesas Technology Corp

Part # 8304AMILF
Download  8304AMILF Click to download

File Size   388.49 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer

8304AMILF Datasheet (HTML) - Renesas Technology Corp


8304AMILF Product details

FEATURES
• Four LVCMOS / LVTTL outputs
• LVCMOS clock input
• CLK can accept the following input levels: LVCMOS, LVTTL
• Maximum output frequency: 166MHz
• Output skew: 60ps (maximum)
• Part-to-part skew: 650ps (maximum)
• Small 8 lead SOIC package saves board space
• 3.3V input, outputs may be either 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) compliant package




Similar Part No. - 8304AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8304AMILF IDT-8304AMILF Datasheet
195Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL
8304AMILFT IDT-8304AMILFT Datasheet
195Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL
More results


Similar Description - 8304AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8304 ICST-ICS8304 Datasheet
151Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. F SEPTEMBER 13, 2004
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. B APRIL 4, 2002
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
IDT6T30028 RENESAS-IDT6T30028 Datasheet
531Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER
041813
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com