Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL450 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 932SQL450
Description  Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

932SQL450 Datasheet(HTML) 1 Page - Renesas Technology Corp

  932SQL450 Datasheet HTML 1Page - Renesas Technology Corp 932SQL450 Datasheet HTML 2Page - Renesas Technology Corp 932SQL450 Datasheet HTML 3Page - Renesas Technology Corp 932SQL450 Datasheet HTML 4Page - Renesas Technology Corp 932SQL450 Datasheet HTML 5Page - Renesas Technology Corp 932SQL450 Datasheet HTML 6Page - Renesas Technology Corp 932SQL450 Datasheet HTML 7Page - Renesas Technology Corp 932SQL450 Datasheet HTML 8Page - Renesas Technology Corp 932SQL450 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATASHEET
932SQL450 REVISION B 03/06/15
1
Low-Power CK420BQ Derivative for PCIe
Common Clock Architectures
932SQL450
General Description
The 932SQL450 is a low power version of the CK420BQ
synthesizer for Intel-based server platforms. It has 85-ohm
LP-HCSL outputs allowing for direct connection to 85-ohm
transmission lines. The 932SQL450 is driven with a 25MHz
crystal for maximum performance. It generates CPU outputs
of 100MHz. This device has a “low-drift” non-spread
SAS/SRC PLL for use in systems that need to communicate
across PCIe domains.
Recommended Application
Low Power CK420BQ w/Zout=85ohms or PCIe Common
Clocked Systems (CC)
Key Specifications
• CPU, SRC, NS_SRC and NS_SAS cycle-cycle jitter <50ps
• Output to output skew <50ps
• Phase jitter: PCIe Gen2 <2.5ps rms
• Phase jitter: PCIe Gen3 <0.6ps rms
• Phase jitter: QPI <0.3ps rms
• Phase jitter: NS-SAS <1.3ps rms using long period phase
jitter method
Features/Benefits
• Integrated 85 ohm differential terminations; saves 48
resistors and 82mm2 area
• LP-HCSL output drivers; 40% typical power savings over
932SQ420
• 0.5% down spread capable on CPU, SRC and PCI outputs;
reduce EMI
• Additional down spread amounts selectable via SMBus;
maximal system flexibility
• 64-pin TSSOP and VFQFPN packages; smallest board
footprint
Output Features
• 4 - Low-Power HCSL-compatible (LP-HCSL) CPU outputs
• 2 - LP-HCSL NS_SAS outputs
• 2 - LP-HCSL NS_SRC outputs
• 3 - LP-HCSL SRC outputs
• 1 - LP-HCSL DOT96 output
• 1 - 3.3V 48M output
• 5 - 3.3V PCI outputs
• 1 - 3.3V 14.318M output
Pin Configurations
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown
GNDPCI
VDDPCI
PCI4_2x
PCI3_2x
PCI2_2x
PCI1_2x
PCI0_2x
GNDPCI
VDDPCI
VDD48
48M_2x
GND48
GND96
DOT96_Z85T
DOT96_Z85C
AVDD96
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown


Similar Part No. - 932SQL450

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQL450 IDT-932SQL450 Datasheet
350Kb / 23P
Integrated 85 ohm differential terminations
More results

Similar Description - 932SQL450

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
932SQL456 IDT-932SQL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
9SQL4952 IDT-9SQL4952 Datasheet
312Kb / 20P
2-output CK420BQ Derivative
9SQL4954 IDT-9SQL4954 Datasheet
320Kb / 20P
4-output CK420BQ Derivative
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
8-output CK420BQ Derivative
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQL456 RENESAS-932SQL456 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
09/29/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com