Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AGILF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 932SQL456AGILF
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

932SQL456AGILF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 932SQL456AGILF Datasheet HTML 3Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 4Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 5Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 6Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 7Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 8Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 9Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 10Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REVISION B 09/29/15
7
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
932SQL456 DATASHEET
Power Supply and Test Loads
Alternate Terminations
The 932SQL456 can also drive other logic levels such as LVPECL, LVDS, and CML. See “AN-891 Driving LVPECL, LVDS, and
CML Logic with IDT's "Universal" Low-Power HCSL Outputs” for details.
Low-Power Differential Output (w/Integrated Rs) Test Load
2pF
10 inches
Zo = 85
2pF
Rs=27
CL=5pF
10 inches
Zo = 50
Single-ended Output Test Load
Rs=29 and 20 inches for REF
Alternate termination for driving 100 transmission lines
2pF
Zo = 100
2pF
Rs=7.5
Rs=7.5
Rs=16
Zo = 50
CL=5pF
Rs=16
Zo = 50
CL=5pF
Alternate termination for driving 2 50 loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com