Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AGILF Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 932SQL456AGILF
Description  Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

932SQL456AGILF Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 932SQL456AGILF Datasheet HTML 16Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 17Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 18Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 19Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 20Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 21Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 22Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 23Page - Renesas Technology Corp 932SQL456AGILF Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
22
REVISION B 09/29/15
932SQL456 DATASHEET
Ordering Information
"LF" suffix to the part number denotes Pb-Free configuration, RoHS6.6 compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number
Shipping Packaging
Package
Temperature
932SQL456AGLF
Tubes
64-pin TSSOP
0 to +70° C
932SQL456AGLFT
Tape and Reel
64-pin TSSOP
0 to +70° C
932SQL456AKLF
Tray
64-pin VFQFPN
0 to +70° C
932SQL456AKLFT
Tape and Reel
64-pin VFQFPN
0 to +70° C
932SQL456AGILF
Tubes
64-pin TSSOP
-40 to +85° C
932SQL456AGILFT
Tape and Reel
64-pin TSSOP
-40 to +85° C
932SQL456AKILF
Tray
64-pin VFQFPN
-40 to +85° C
932SQL456AKILFT
Tape and Reel
64-pin VFQFPN
-40 to +85° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com