Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C652 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 83C652
Description  CMOS single-chip 8-bit microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C652 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 83C652 Datasheet HTML 4Page - NXP Semiconductors 83C652 Datasheet HTML 5Page - NXP Semiconductors 83C652 Datasheet HTML 6Page - NXP Semiconductors 83C652 Datasheet HTML 7Page - NXP Semiconductors 83C652 Datasheet HTML 8Page - NXP Semiconductors 83C652 Datasheet HTML 9Page - NXP Semiconductors 83C652 Datasheet HTML 10Page - NXP Semiconductors 83C652 Datasheet HTML 11Page - NXP Semiconductors 83C652 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
8
Table 1.
8XC652/654 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
DPTR:
DPH
DPL
Data pointer
(2 bytes)
Data pointer high
Data pointer low
83H
82H
00H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IE*#
Interrupt enable
A8H
EA
ES1
ES0
ET1
EX1
ET0
EX0
0x000000B
BF
BE
BD
BC
BB
BA
B9
B8
IP*#
Interrupt priority
B8H
–
PS1
PS0
PT1
PX1
PT0
PX0
xx000000B
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FFH
97
96
95
94
93
92
91
90
P1*#
Port 1
90H
SDA
SCL
FFH
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
A15
A14
A13
A12
A11
A10
A9
A8
FFH
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TXD
RXD
FFH
PCON
Power control
87H
SMOD
–
–
–
GF1
GF0
PD
IDL
0xxx0000B
9F
9E
9D
9C
9B
9A
99
98
S0CON*#
Serial 0 port control
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
S0BUF#
Serial 0 data buffer
99H
xxxxxxxxB
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00H
S1DAT#
Serial 1 data
DAH
00H
SP
Stack pointer
81H
07H
S1ADR#
Serial 1 address
DBH
 SLAVE ADDRESS 
GC
00H
S1STA#
Serial 1 status
D9H
SC4
SC3
SC2
SC1
SC0
0
0
0
F8H
DF
DE
DD
DC
DB
DA
D9
D8
S1CON*#
Serial 1 control
D8H
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
00000000B
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TH1
Timer high 1
8DH
00H
TH0
Timer high 0
8CH
00H
TL1
Timer low 1
8BH
00H
TL0
Timer low 0
8AH
00H
TMOD
Timer mode
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com