Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C652 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 83C652
Description  CMOS single-chip 8-bit microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C652 Datasheet(HTML) 4 Page - NXP Semiconductors

  83C652 Datasheet HTML 1Page - NXP Semiconductors 83C652 Datasheet HTML 2Page - NXP Semiconductors 83C652 Datasheet HTML 3Page - NXP Semiconductors 83C652 Datasheet HTML 4Page - NXP Semiconductors 83C652 Datasheet HTML 5Page - NXP Semiconductors 83C652 Datasheet HTML 6Page - NXP Semiconductors 83C652 Datasheet HTML 7Page - NXP Semiconductors 83C652 Datasheet HTML 8Page - NXP Semiconductors 83C652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
4
ORDER INFORMATION
PHILIPS
PART ORDER NUMBER
PART MARKING
PHILIPS NORTH AMERICA
PART ORDER NUMBER
TEMPERATURE
RANGE (
°C)
FREQ
ROMless
ROM3
Drawing
Number
ROMless
ROM
AND PACKAGE
MHz1,2
P80C652FBP
P83C652FBP/xxx
SOT129-1
P80C652FBPN
P83C652FBPN
0 to +70, Plastic Dual In-line Package
16
P80C652FBA
P83C652FBA/xxx
SOT187-2
P80C652FBAA
P83C652FBAA
0 to +70, Plastic Leaded Chip Carrier
16
P80C652FBB
P83C652FBB/xxx
SOT307-2 4
P80C652FBBB
P83C652FBBB
0 to +70, Plastic Quad Flat Pack
16
P80C652FFP
P83C652FFP/xxx
SOT129-1
P80C652FFPN
P83C652FFPN
–40 to +85, Plastic Dual In-line Package
16
P80C652FFA
P83C652FFA/xxx
SOT187-2
P80C652FFAA
P83C652FFAA
–40 to +85, Plastic Leaded Chip Carrier
16
P80C652FFB
P83C652FFB/xxx
SOT307-2 4
P80C652FFBB
P83C652FFBB
–40 to +85, Plastic Quad Flat Pack
16
P80C652FHP
P83C652FHP/xxx
SOT129-1
P80C652FHPN
P83C652FHPN
–40 to +125, Plastic Dual In-line Package
16
P80C652FHA
P83C652FHA/xxx
SOT187-2
P80C652FHAA
P83C652FHAA
–40 to +125, Plastic Leaded Chip Carrier
16
P80C652FHB
P83C652FHB/xxx
SOT307-2 4
P80C652FHBB
P83C652FHBB
–40 to +125, Plastic Quad Flat Pack
16
P80C652IBP
P83C652IBP/xxx
SOT129-1
P80C652IBPN
P83C652IBPN
0 to +70, Plastic Dual In-line Package
24
P80C652IBA
P83C652IBA/xxx
SOT187-2
P80C652IBAA
P83C652IBAA
0 to +70, Plastic Leaded Chip Carrier
24
P80C652IBB
P83C652IBB/xxx
SOT307-2 4
P80C652IBBB
P83C652IBBB
0 to +70, Plastic Quad Flat Pack
24
P80C652IFP
P83C652IFP/xxx
SOT129-1
P80C652IFPN
P83C652IFPN
–40 to +85, Plastic Dual In-line Package
24
P80C652IFA
P83C652IFA/xxx
SOT187-2
P80C652IFAA
P83C652IFAA
–40 to +85, Plastic Leaded Chip Carrier
24
P80C652IFB
P83C652IFB/xxx
SOT307-2 4
P80C652IFBB
P83C652IFBB
–40 to +85, Plastic Quad Flat Pack
24
NOTES:
1. 80C652 and 83C652 frequency range is 1.2MHz–16MHz or 1.2 to 24MHz.
2. For specification of the EPROM version, see the 87C652 data sheet.
3. xxx denotes the ROM code number.
4. SOT311 replaced by SOT307-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com