Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC38 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STWLC38
Description  Qi-compliant dual mode wireless power receiver for up to 15W applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC38 Datasheet(HTML) 2 Page - STMicroelectronics

  STWLC38 Datasheet HTML 1Page - STMicroelectronics STWLC38 Datasheet HTML 2Page - STMicroelectronics STWLC38 Datasheet HTML 3Page - STMicroelectronics STWLC38 Datasheet HTML 4Page - STMicroelectronics STWLC38 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STWLC38 is also capable of operating in Tx mode to transmit power to charge other devices, the output power
can be up to 5W depending on the coil used.
The STWLC38 is housed in a Chip-Scale Package to fit real-estate sensitive applications like wearable devices.
STWLC38
DB4614 - Rev 2
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com