Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC38 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWLC38
Description  Qi-compliant dual mode wireless power receiver for up to 15W applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC38 Datasheet(HTML) 1 Page - STMicroelectronics

  STWLC38 Datasheet HTML 1Page - STMicroelectronics STWLC38 Datasheet HTML 2Page - STMicroelectronics STWLC38 Datasheet HTML 3Page - STMicroelectronics STWLC38 Datasheet HTML 4Page - STMicroelectronics STWLC38 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
Up to 15 W output power
•
Up to 5W output power in Tx mode
•
Qi 1.3 inductive wireless standard communication protocol compliant
•
High efficiency (98% typical) synchronous rectifier operating up to 800 kHz
•
Low drop-out linear regulator with output current limit and input voltage control
loop
•
Adaptive Rectifier Configuration (ARC) Mode for enhanced spatial freedom
•
4 V to 12 V programmable output voltage
•
Above 85% overall system efficiency
•
32-bit, 64 MHz ARM Cortex M0+ core with 32kB RRAM,16 kB SRAM,64kB
ROM
•
10-bit A/D Converter
•
Configurable GPIOs
•
Up to 1Mhz I2C Slave interface
•
Multi-level ASK modulator, Enhanced FSK demodulator
•
Output Over-Voltage clamping protection
•
Accurate voltage/current measurement for Foreign Object Detection (FOD)
•
On-chip thermal management and protections
•
Flip chip 40 bumps (2.12mm x 3.32mm)
Application
•
Smartphones
•
Wearables, Hearables
•
True Wireless Stereo (TWS)
•
Asset tracking devices
•
Medical and healthcare equipment
Description
The STWLC38 is a highly integrated wireless power receiver solution suitable for
applications up to 15W.
The chip has been designed to support Qi 1.3 specifications for inductive
communication protocol, Base Power Profile and Extended Power Profile (BPP, 5W
max, EPP 15W max).
The STWLC38 shows excellent efficiency performance thanks to the integrated low-
loss synchronous rectifier and the low drop-out linear regulator: both elements are
dynamically managed by the digital core to minimize the overall power dissipation
over a wide range of output load conditions.
STWLC38 features embedded RRAM (Resistive RAM) non-volatile memory to
enable I2C interface customization and support of proprietary communication and
charging protocols
Additional firmware patching also improves the application flexibility of STWLC38.
Product status link
STWLC38
Product summary
Order code
STWLC38JRM
Package
WLCSP40
Packing
Tape and reel
Qi-compliant dual mode wireless power receiver for up to 15W applications
STWLC38
Data brief
DB4614 - Rev 2 - June 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWLC38

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC38/98 STMICROELECTRONICS-STWLC38/98 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STWLC38/98RX STMICROELECTRONICS-STWLC38/98RX Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STWLC38JR STMICROELECTRONICS-STWLC38JR Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - STWLC38

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com