Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2001S Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PBLS2001S
Description  20 V PNP BISS loadswitch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS2001S Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PBLS2001S Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PBLS2001S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
2 of 16
NXP Semiconductors
PBLS2001S
20 V PNP BISS loadswitch
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
input (base) TR2
2
GND (emitter) TR2
3
base TR1
4
emitter TR1
5
collector TR1
6
collector TR1
7
output (collector) TR2
8
output (collector) TR2
4
5
1
8
006aaa813
R1
R2
TR2
TR1
8
7
6
5
1
2
3
4
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PBLS2001S
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
Table 4.
Marking codes
Type number
Marking code
PBLS2001S
LS2001S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com