Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2001S Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PBLS2001S
Description  20 V PNP BISS loadswitch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS2001S Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PBLS2001S Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS2001S Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PBLS2001S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
6 of 16
NXP Semiconductors
PBLS2001S
20 V PNP BISS loadswitch
7.
Characteristics
Ceramic PCB, Al2O3, standard footprint
Fig 4.
TR1 (PNP): Transient thermal impedance from junction to ambient as a function of pulse duration; typical
values
006aaa811
tp (s)
10−4
102
103
10
1
10−3
10−1
10−2
102
10
103
Zth(j-a)
(K/W)
1
0.02
0.05
0.1
0.2
0.33
0.5
0.75
1.0
0
0.01
duty cycle =
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat (BISS) transistor
ICBO
collector-base cut-off
current
VCB = −20 V; IE =0A
-
-
−100
nA
VCB = −20 V; IE =0A;
Tj = 150 °C
--
−50
µA
ICES
collector-emitter
cut-off current
VCE = −20 V; VBE =0V
-
-
−100
nA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100
nA
hFE
DC current gain
VCE = −2 V; IC = −0.1 A
220
420
-
VCE = −2 V; IC = −0.5 A
[1] 220
360
-
VCE = −2 V; IC = −1A
[1] 200
310
-
VCE = −2 V; IC = −2A
[1] 150
235
-
VCE = −2 V; IC = −3A
[1] 100
180
-
VCEsat
collector-emitter
saturation voltage
IC = −0.5 A; IB = −50 mA
[1] -
−45
−75
mV
IC = −1 A; IB = −50 mA
[1] -
−90
−140
mV
IC = −2 A; IB = −100 mA
[1] -
−160
−255
mV
IC = −2 A; IB = −200 mA
[1] -
−150
−240
mV
IC = −3 A; IB = −300 mA
[1] -
−220
−355
mV
RCEsat
collector-emitter
saturation resistance
IC = −2 A; IB = −100 mA
[1] -
80
130
m
Ω
IC = −2 A; IB = −200 mA
[1] -
75
120
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com