Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C055 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 83C055
Description  Microcontrollers for TV and video MTV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C055 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 83C055 Datasheet HTML 17Page - NXP Semiconductors 83C055 Datasheet HTML 18Page - NXP Semiconductors 83C055 Datasheet HTML 19Page - NXP Semiconductors 83C055 Datasheet HTML 20Page - NXP Semiconductors 83C055 Datasheet HTML 21Page - NXP Semiconductors 83C055 Datasheet HTML 22Page - NXP Semiconductors 83C055 Datasheet HTML 23Page - NXP Semiconductors 83C055 Datasheet HTML 24Page - NXP Semiconductors 83C055 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
1996 Mar 22
21
Philips Semiconductors
Product specification
Microcontrollers for TV and video (MTV)
83C145; 83C845
83C055; 87C055
Notes to the description of OSAT bits
1. The latches in which the E,SR, D, and Sh bits are captured are cleared to zero at the start of each vertical scan. This
means that if the first text line on the screen is a short row, or if it contains either double size or shadowing, the text
must be preceded by a New Line character. Like all such characters, this initial New Line advances the vertical
screen position; the VStart value (see register OSORG; Section 13.9) should take this fact into account.
2. For SplitBSpace, a change in B and Bcolor occurs halfway through the character horizontally.
3. The normal Space character has no effect on the Bcolor value.
4. The Bcolor value is not cleared between vertical scans, so that if a single background colour is all that is needed in
an application, it can be set via a single BSpace character during program initialization, and never changed
thereafter. In order for such a BSpace to actually affect the 83C055 internal Bcolor register the Mode field of the
OSMOD register must be set to ‘01B’ (or higher) so that the OSD hardware is operating (see register OSMOD;
Section 13.8).
Table 22 OSD outputs related to character bit map value, Fcolor, Bcolor and B bits
Notes
1. Bcolor (BC2,BC1,BC0) values ‘000’ and ‘111’ minimize the occurrence of transient states among the VID2 to VID0
outputs.
2. The background colour defined by the most recently encountered BSpace or SplitBSpace character is maintained
on the VID2 to VID0 pins except at the following times:
a) During the active time of HSYNC.
b) During the active time of VSYNC.
c) During those pixels of an active character that correspond to a logic 1 in the character’s bit map.
d) During a ‘shadow’ bit.
CHARACTER BIT MAP VALUE
OSD OUTPUTS (notes 1 and 2)
VID2
VID1
VID0
VCTRL
logic 1
FC2
FC1
FC0
driven active
logic 0
BC2
BC1
BC0
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com