Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83021I Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 83021I
Description  1-to-1 Differential-to-LVCMOS/LVTTL Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83021I Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 83021I Datasheet HTML 5Page - Renesas Technology Corp 83021I Datasheet HTML 6Page - Renesas Technology Corp 83021I Datasheet HTML 7Page - Renesas Technology Corp 83021I Datasheet HTML 8Page - Renesas Technology Corp 83021I Datasheet HTML 9Page - Renesas Technology Corp 83021I Datasheet HTML 10Page - Renesas Technology Corp 83021I Datasheet HTML 11Page - Renesas Technology Corp 83021I Datasheet HTML 12Page - Renesas Technology Corp 83021I Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
©2015 Integrated Device Technology, Inc
December 14, 2015
83021I Datasheet
Revision History Sheet
Rev
Table
Page
Description of Change
Date
B
T2
T3B
T3C
T3D
T4B
2
3
3
3
4
5
6
7
Pin Characteristics table - added 2.5V CPD.
Added 2.5V Power Supply table.
LVCMOS table - added 2.5V VOH.
Differential table - added 2.5V.
Added 2.5V AC Characteristics table.
Added 2.5V Output Load AC Test Circuit Diagram, and 2.5V Output Rise/Fall
Time Diagrams.
Updated Figure 1.
Added Differential Clock Input Interface section.
6/3/04
B
T4A
2
4
Pin Characteristics Table - changed CIN 4pF max. to 4pF typical.
3.3V AC Characteristics Table - changed odc Test Conditions.
6/30/04
B
T7
1
10
Features Section - added Lead-Free bullet.
Ordering Information Table - Added Lead-Free part number.
3/21/05
C
T4A, T4B
T7
1
4
5
11
Features Section - added Additive Phase Jitter bullet.
AC Characteristics Tables - added Additive Phase Jitter row.
Added Additive Phase Jitter Plot.
Added Lead-Free Note.
12/12/05
C
1
8
9
Pin Assignment - corrected package body measurements.
Updated Differential Clock Input Interface.
Updated Reliability Information.
Updated datasheet format .
6/18/08
C
T4A, T4B
1
4
Corrected typo in Header from 1-to-2... to 1-to-1....
AC Tables - added Temperature NOTE.
10/31/08
D
T7
10
Remove leaded orderable parts from Ordering Information table
11/14/12
D1
Features section - removed leaded part note.
Description - removed chip
4/23/14
DT7
1
10
Removed HiPerClockS from General Description.
Ordering Information - removed 2500 from Tape and Reel.
Updated Datasheet header and footer.
12/14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com