Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84021 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 84021 Datasheet HTML 9Page - Renesas Technology Corp 84021 Datasheet HTML 10Page - Renesas Technology Corp 84021 Datasheet HTML 11Page - Renesas Technology Corp 84021 Datasheet HTML 12Page - Renesas Technology Corp 84021 Datasheet HTML 13Page - Renesas Technology Corp 84021 Datasheet HTML 14Page - Renesas Technology Corp 84021 Datasheet HTML 15Page - Renesas Technology Corp 84021 Datasheet HTML 16Page - Renesas Technology Corp 84021 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
84021 Data Sheet
260MHz, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
84021 Rev E 9/23/15
13
©2015 Integrated Device Technology, Inc
Overdriving the XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 2A. The XTAL_OUT pin can be left floating. The
maximum amplitude of the input signal should not exceed 2V and the
input edge rate can be as slow as 10ns. This configuration requires
that the output impedance of the driver (Ro) plus the series
resistance (Rs) equals the transmission line impedance. In addition,
matched termination at the crystal input will attenuate the signal in
half. This can be done in one of two ways. First, R1 and R2 in parallel
should equal the transmission line impedance. For most 50
applications, R1 and R2 can be 100
. This can also be
accomplished by removing R1 and making R2 50
. By overdriving
the crystal oscillator, the device will be functional, but note, the device
performance is guaranteed by using a quartz crystal.
Figure 2A. General Diagram for LVCMOS Driver to XTAL Input Interface
Figure 2B. General Diagram for LVPECL Driver to XTAL Input Interface
VCC
XTAL_OUT
XTAL_IN
R1
100
R2
100
Zo = 50 ohms
Rs
Ro
Zo = Ro + Rs
C1
.1uf
LVCMOS Driver
XTAL_OUT
XTAL_IN
Zo = 50 ohms
C2
.1uf
LVPECL Driver
Zo = 50 ohms
R1
50
R2
50
R3
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com