Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84021 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 1 Page - Renesas Technology Corp

  84021 Datasheet HTML 1Page - Renesas Technology Corp 84021 Datasheet HTML 2Page - Renesas Technology Corp 84021 Datasheet HTML 3Page - Renesas Technology Corp 84021 Datasheet HTML 4Page - Renesas Technology Corp 84021 Datasheet HTML 5Page - Renesas Technology Corp 84021 Datasheet HTML 6Page - Renesas Technology Corp 84021 Datasheet HTML 7Page - Renesas Technology Corp 84021 Datasheet HTML 8Page - Renesas Technology Corp 84021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
84021 Rev E 9/23/15
1
©2015 Integrated Device Technology, Inc
260MHz, Crystal-to-LVCMOS/LVTTL
Frequency Synthesizer
84021
General Description
The 84021 is a general purpose, Crystal-to-LVCMOS/LVTTL High
Frequency Synthesizer. The 84021 has a selectable TEST_CLK or
crystal input. The VCO operates at a frequency range of 620MHz to
780MHz. The VCO frequency is programmed in steps equal to the
value of the input reference or crystal frequency. The VCO and
output frequency can be programmed using the serial or parallel
interface to the configuration logic.
Features
• Two LVCMOS/LVTTL outputs
• Selectable crystal oscillator interface or LVCMOS/LVTTL
TEST_CLK
• Output frequency range: 103.3MHz to 260MHz
• Crystal input frequency range: 14MHz to 40MHz
• VCO range: 620MHz to 780MHz
• Parallel or serial interface for programming counter and output
dividers
• RMS period jitter: 14.7ps (typical), (N ÷ 4, V
DDO = 3.3V±5%)
• RMS phase jitter at 155.52MHz, using a 38.88MHz crystal (12kHz
to 20MHz): 2.61ps (typical)
Offset
Noise Power
100Hz.................-87.9 dBc/Hz
1kHz ...................-115.8 dBc/Hz
10kHz .................-124.2 dBc/Hz
100kHz ...............-127.7 dBc/Hz
• Full 3.3V or mixed 3.3V core/2.5V or 1.8V output supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6) package
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
M5
M6
M7
M8
N0
N1
nc
GND
XTAL_OUT
TEST_CLK
XTAL_SEL
VDDA
S_LOAD
S_DATA
S_CLOCK
MR
84021
32 Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
Block Diagram
Pin Assignment
Phase Detector
VCO
PLL
÷M
N
÷3
÷4
÷5
÷6
Configuration Interface Logic
0
1
0
1
OSC
VCO_SEL
OE1
XTAL_SEL
XTAL_IN
MR
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M[0:8]
N[0:1]
XTAL_OUT
TEST_CLK
TEST
Q0
Q1
Pullup
Pullup
Pullup
M5 Pullup; M[0:4, 6:8] Pulldown
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
OE0


Similar Part No. - 84021

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
84021132 HUBERSUHNER-84021132 Datasheet
388Kb / 2P
COAXIAL CONNECTOR, QN, 50 Ohm, Straight cable plug (male)
84021198 HUBERSUHNER-84021198 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
84021246 HUBERSUHNER-84021246 Datasheet
130Kb / 2P
COAXIAL CONNECTOR, PC 3.5, 50 Ohm, Edge mount PCB jack (female)
84021420 HUBERSUHNER-84021420 Datasheet
3Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Right angle cable plug (male)
84021537 HUBERSUHNER-84021537 Datasheet
146Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Right angle cable plug (male)
More results

Similar Description - 84021

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84021 ICST-ICS84021 Datasheet
253Kb / 14P
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 7, 2003
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
logo
Integrated Device Techn...
840S05I IDT-840S05I Datasheet
357Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840S07I IDT-840S07I Datasheet
323Kb / 20P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840024I IDT-840024I Datasheet
344Kb / 17P
FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05I RENESAS-840S05I Datasheet
549Kb / 22P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
840S07I RENESAS-840S07I Datasheet
515Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 14, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com