Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1102 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
21
Rev1, December 2014
IDTF1178NBGI
Datasheet
EVKIT BOM
TOP MARKINGS
Part Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
C1, C5, C6, C9, C12, C13, C16
7
10000pF ±10%, 16V, X7R Ceramic Capacitor (0402)
GRM155R71C103K
Murata
C8, C10, C11
3
39pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H390J
Murata
C17
1
0.3pF ±0.05pF, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1HR30W
Murata
C18, C19
2
1000pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
Murata
C4
1
10uF ±20%, 6.3V, X5R Ceramic Capacitor (0603)
GRM188R60J106M
Murata
R1-R7, R10
8
0
1/10W Resistors (0402)
ERJ-2GE0R00X
Panasonic
C2, C3, C14, C15
4
10
±1%, 1/10W, Resistor (0402)
ERJ-2RKF10R0X
Panasonic
R13
1
240
±1%, 1/10W, Resistor (0402)
ERJ-2RKF2400X
Panasonic
R14
1
270
±1%, 1/10W, Resistor (0402)
ERJ-2RKF2700X
Panasonic
R11, R12, R15, R16
4
330
±1%, 1/10W, Resistor (0402)
ERJ-2RKF3300X
Panasonic
R17
1
2.4k
±1%, 1/10W, Resistor (0402)
ERJ-2RKF2401X
Panasonic
R18
1
2.67k
±1%, 1/10W, Resistor (0402)
ERJ-2RKF2671X
Panasonic
R8, R9
2
47k
±1%, 1/10W, Resistor (0402)
RC0402FR-0747K
Yageo
L1-L4
4
1.8uH ±5%, .410A, Ferrite Chip Inductor (0805)
0805LS-182XJLB
Coil Craft
T1, T2
2
3-800Mhz 50 , RF Transformer (4:1)
TC4-1WG2+
Mini Circuits
JP1, JP2, JP3
3
CONN HEADER VERT SGL 2 X 1 POS GOLD
961102-6404-AR
3M
JP4, JP5, JP6, JP7
4
CONN HEADER VERT SGL 3 X 1 POS GOLD
961103-6404-AR
3M
J1, J2, J7
3
Edge Launch SMA (0.250 inch pitch ground round)
142-0711-821
Emerson Johnson
J3, J4, J5, J6
4
Edge Launch SMA (0.375 inch pitch ground tabs)
142-0701-851
Emerson Johnson
U1
1
RF to IF Dual Downconverting MIXER 6 X 6 QFN36
F1178NBGI
IDT
1
Printed Circuit Board
F1178 REV (01)
IDT
C7
No Installed Ceramic Capacitor (0402)
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com