Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1102 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1102 Datasheet HTML 1Page - Renesas Technology Corp F1102 Datasheet HTML 2Page - Renesas Technology Corp F1102 Datasheet HTML 3Page - Renesas Technology Corp F1102 Datasheet HTML 4Page - Renesas Technology Corp F1102 Datasheet HTML 5Page - Renesas Technology Corp F1102 Datasheet HTML 6Page - Renesas Technology Corp F1102 Datasheet HTML 7Page - Renesas Technology Corp F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
1
Rev1, December 2014
IDTF1178NBGI
Datasheet
GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1178 Zero-Distortion
TM RF to IF Downconverting
Dual Mixer. This device is part of a series of mixers
offered with high side and/or low side injection options
for all UTRA bands. See the Part# Matrix for pin
compatible & feature compatible devices in this series.
The F1178 dual channel device is designed to operate
with a single 5V supply. It is optimized for operation in
a Multi-mode, Multi-carrier BaseStation Receiver for RF
bands from 3400MHz - 3800MHz with Low Side LO
injection. IF frequencies from 30MHz to 550MHz are
supported. Nominally, the device offers +37.5dBm
Output IP3 with 297mA of ICC.
COMPETITIVE ADVANTAGE
In typical basestation receivers, the RF to IF mixer
dominates the linearity performance for the entire
receive system. The Zero-Distortion
TM family of mixers
dramatically improves the maximum signal levels (IM3
tones) that the BTS can withstand at a desired Signal to
Noise Ratio (SNR). Zero-Distortion
TM technology allows
realization of either benefit.
IP3O: ⇑
⇑
⇑
⇑ 9dB
Dissipation:
⇓
⇓
⇓
⇓ 23%
Noise Figure: 8.5dB
PART# MATRIX
Part#
RF freq
range
(MHz)
UTRA bands
IF freq
range
(MHz)
Typ.
Gain
(dB)
Injection
F1100
698 - 915
5,6,8,12,13,14,17,
19,20
150 - 450
9.0
High Side
F1102
400 - 1000
5,6,8,12,13,14,17,
19,20
50 - 300
9.0
Both
F1150
1700 - 2200
1,2,3,4,9,10, 33,
34,35, 36, 37,39
50 - 450
8.5
High Side
F1152
1400 - 2200
1,2,3,4,9,10,11
1,
21
1, 241, 33, 34,35,
36, 37,39
50 - 350
8.5
Low Side
F
F1
11
16
62
2
2
23
30
00
0 –
– 2
27
70
00
0
7
7,,3
38
8,,4
40
0,,4
41
1
5
50
0 –
– 5
50
00
0
8
8..9
9
B
Bo
otth
h
F
F1
11
17
78
8
3
34
40
00
0 -- 3
38
80
00
0
2
22
2,, 4
42
2,, 4
43
3
3
30
0 -- 5
55
50
0
9
9..0
0
L
Lo
ow
w S
Siid
de
e
1 – with High Side injection
FEATURES
•
Dual Path for Diversity Systems
•
Ideal for Multi-Carrier Systems
•
9dB Gain
•
Ultra linear +
+3
37
7..5
5d
dB
Bm
m I
IP
P3
3OO
••
8.5dB NF
•
200
output impedance
•
High +11dBm P1dBI
•
P
Piin
n &
& F
Fe
ea
attu
urre
e C
Co
om
mp
pa
attiib
blle
e
•
6mm x 6mm, 36-pin package
•
I
In
nd
diiv
viid
du
ua
all P
Pa
atth
h S
Stta
an
nd
db
by
y M
Mo
od
de
e
•
<400 nsec settling from Power Up
•
ICC = 297mA
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
IDTF1178NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - F1102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1102 RENESAS-F1102 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1102 RENESAS-F1102 Datasheet
3Mb / 27P
RF to IF Dual Downconverting Mixer
Rev1, July 2012
F1102 RENESAS-F1102 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
RevO, Feb 2013
F1102 RENESAS-F1102 Datasheet
2Mb / 27P
RF to IF Dual Downconverting Mixer
Rev2, July 2012
F1102 RENESAS-F1102 Datasheet
2Mb / 21P
RF to IF Dual Downconverting Mixer
Rev1, June 2012
More results

Similar Description - F1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNZ186 TI1-SPNZ186 Datasheet
144Kb / 43P
This document describes the known exceptions to the functional specifications for the device.
SPNZ187 TI1-SPNZ187 Datasheet
127Kb / 36P
This document describes the known exceptions to the functional specifications for the device.
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
IDTF1650NLGI8 RENESAS-IDTF1650NLGI8 Datasheet
1Mb / 22P
This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com