Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9028AC Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # P9028AC
Description  Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9028AC Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button P9028AC Datasheet HTML 17Page - Renesas Technology Corp P9028AC Datasheet HTML 18Page - Renesas Technology Corp P9028AC Datasheet HTML 19Page - Renesas Technology Corp P9028AC Datasheet HTML 20Page - Renesas Technology Corp P9028AC Datasheet HTML 21Page - Renesas Technology Corp P9028AC Datasheet HTML 22Page - Renesas Technology Corp P9028AC Datasheet HTML 23Page - Renesas Technology Corp P9028AC Datasheet HTML 24Page - Renesas Technology Corp P9028AC Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
P9028AC
Product Datasheet
Revision 1.0.3
21
©2015IntegratedDeviceTechnology,Inc.
APPLICATIONS INFORMATION
EXTERNAL COMPONENTS
The P9028AC requires a minimum number of external
components for proper operation, as indicated in Figure
16, 17 and 18 as well as Table 9, 10 and 11.
LDO
Input Capacitor (VRECT Capacitors)
The LDO input capacitors (VRECT capacitors) should be
located as close as possible to the VRECT pins, and
ground (PGND). Ceramic capacitors are recommended for
their lower ESR and small profile. See Figure 17 and
Table 10 for values and type of capacitor.
VDD Capacitor
The P9028AC has an internal LDO regulator that must
have a capacitor connected from the VDD pin to GND.
This capacitor should be as close as possible to the VDD
pin with a close GND connection. See Figure 17, 18 and
Table 10, 11 for values and type of capacitor.
Output Capacitor
The output capacitor connection to the ground pin (PGND)
should be made as short as practical for maximum device
performance. Since the LDO has been designed to
function with very low ESR capacitors, a ceramic capacitor
is recommended for best performance. For better transient
response increase the total amount of output capacitance.
For 1A load steps, an output capacitance of at least 10µF
is recommended.
PCB LAYOUT CONSIDERATIONS
-
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed. Please contact IDT Inc. for Gerber files that
contain the recommended board layout and
application
note
AN883,
“P9028AC
Layout
Guidelines”.
-
An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers.
Signal traces not related to the
P9028AC should be routed away from the IC as much
as possible to avoid blocking thermal dissipation
paths from the IC to the PCB. This includes signal
traces just underneath the device, or on layers
adjacent to the ground plane layer used by the device.
-
Layout and PCB design have a significant influence
on the power dissipation capabilities of power
management ICs because the surface mount
packages used with these devices rely heavily on
thermally conductive traces or pads to transfer heat
away from the package. Appropriate PC layout
techniques should be used to remove the heat due to
device power dissipation.
-
The following general guidelines will be helpful in
designing a board layout for lowest thermal
resistance:
1. PC board traces with large cross-sectional
areas remove more heat. For optimum
results, use large-area PCB patterns with
wide copper traces, placed on the
uppermost side of the PCB.
2. In cases where maximum heat dissipation is
required, use double-sided copper planes
connected with multiple vias.
3. Thermal vias are needed to provide a
thermal path to inner and/or bottom layers of
the PCB to remove the heat generated by
device power dissipation.
POWER DISSIPATION
AND THERMAL REQUIREMENTS
The P9028AC is offered in a QFN-32 package which has
a maximum power dissipation capability of about 1.9W
and in a WLCSP package, the maximum power
dissipation of which is determined by the number of
thermal vias between the package and the printed circuit
board. The maximum power dissipation of both packages
is defined by the die’s specified maximum operating
junction temperature, TJ, of 125°C. The junction
temperature rises when the heat generated by the
device’s power dissipation goes through the package
thermal resistance. The QFN package offers a typical
thermal resistance, junction to ambient (ΘJA), of 35OC/W
when the PCB layout and surrounding devices are
optimized as described in the PCB Layout Considerations
section. The WLCSP package has a typical ΘJA of 70ºC/W
with 7 thermal vias and 144ºC/W with no thermal vias.
Clearly, maximizing the thermal vias is highly
recommended. The techniques as noted in the PCB
layout section must be followed when designing the
printed circuit board layout, as well as the placement of
the P9028AC IC package in proximity to other heat-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com