Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9028AC Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # P9028AC
Description  Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9028AC Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button P9028AC Datasheet HTML 24Page - Renesas Technology Corp P9028AC Datasheet HTML 25Page - Renesas Technology Corp P9028AC Datasheet HTML 26Page - Renesas Technology Corp P9028AC Datasheet HTML 27Page - Renesas Technology Corp P9028AC Datasheet HTML 28Page - Renesas Technology Corp P9028AC Datasheet HTML 29Page - Renesas Technology Corp P9028AC Datasheet HTML 30Page - Renesas Technology Corp P9028AC Datasheet HTML 31Page - Renesas Technology Corp P9028AC Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
P9028AC
Product Datasheet
Revision 1.0.3
28
©2015IntegratedDeviceTechnology,Inc.
I2C REGISTER MAP
The P9028AC has a one-time programmable I2C address that is set to default 0X25h.
Table 12. READ Registers - VRECT voltage: VRECT=5 X ADC1<12:1> = [ADC1<12:1>] X 5 X [1.8V/212].
Byte  
Address 
Byte  
Name 
Bit Field 
Field Name 
Type 
Default 
 Value 
Description 
0x40
REG0
7
ADC1<12>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
6
ADC1<11>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
5
ADC1<10>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
4
ADC1<9>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
3
ADC1<8>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
2
ADC1<7>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
1
ADC1<6>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
0
ADC1<5>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
7
ADC1<4>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
6
ADC1<3>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
5
ADC1<2>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
4
ADC1<1>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
3
RESERVED.
R
RESERVED.
0x41
REG1
2
RESERVED.
R
RESERVED.
0x41
REG1
1
RESERVED.
R
RESERVED.
0x41
REG1
0
RESERVED.
R
RESERVED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com