Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH5553A2NA1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PH5553A2NA1
Description  Ambient Light Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PH5553A2NA1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PH5553A2NA1 Datasheet HTML 3Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 4Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 5Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 6Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 7Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 8Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 9Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 10Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PH5553A2NA1
Chapter Title
R08DS0068EJ0100 Rev.1.00
Page 7 of 12
Nov 07, 2012
3. Return Value during Read Operation (When Register Address = 00)
0
0
0
0
0
0
0
0
default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Illuminance count measurements Upper 8bits
0
0
0
0
0
0
0
0
default
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Illuminance count measurements Upper 8bits
4. Return Value during Read Operation (When Register Address = 01)
0
0
0
0
0
0
0
0
default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Timemanu
Register Address
SWRST
STOP
RSLTN
GCSW
PWR
0
0
0
0
1
0
0
0
default
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (fixed)
Reserved
Reserved
Reserved
PD4
PD3
PD2
PD1
5. Return Value during Read Operation (When Register Address = 10)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Illuminance measurement time counter 0H in H-Resolution mode lower 8 bit (when RSLTN = 0)
Illuminance measurement time counter 2H in L-Resolution mode lower 8 bit (when RSLTN = 1)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Illuminance measurement time counter 1H in H-Resolution mode upper 8 bit (when RSLTN = 0)
Illuminance measurement time counter 3H in L-Resolution mode upper 8 bit (when RSLTN = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com