Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH5553A2NA1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PH5553A2NA1
Description  Ambient Light Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PH5553A2NA1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PH5553A2NA1 Datasheet HTML 5Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 6Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 7Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 8Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 9Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 10Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 11Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 12Page - Renesas Technology Corp PH5553A2NA1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PH5553A2NA1
Chapter Title
R08DS0068EJ0100 Rev.1.00
Page 9 of 12
Nov 07, 2012
0
0.2
0.4
0.6
0.8
1.2
1
1.4
−40
0
0.2
0.4
0.6
0.8
1.2
1.4
1
1.6
0
10
9
8
7
6
5
4
3
2
1
0
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
VDD (V)
−40
−20
0
20
40
60
80
100
−20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1
1.2
1.4
Illuminance (lx)
AT 100 lx (NORMALIZED AT VDD = 3 V)
VDD DEPENDENCY OF ILLUMINANCE COUNT
COUNT AT 100 lx (NORMALIZED AT 25
°C)
TEMPERATURE DEPENDENCY OF ILLUMINANCE
ILLUMINANCE vs. ILLUMINANCE COUNT
OF ILLUMINANCE COUNT AT 0 lx
TEMPERATURE DEPENDENCY
(NORMALIZED AT PD BIT = 1000, FLUORESCENT LIGHT )
PD BIT SET DEPENDENCY OF ILLUMINANCE COUNT
Temperature (
°C)
Temperature (
°C)
PD bit
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
Fluorescent light
White LED
Incandescent light
0.1
10 000 100 000
100
10
1
1 000
1
10
1 000
100
10 000
100 000
GCH
GCL
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com