Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G74DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2G74DP
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G74DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G74DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 10Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74LVC2G74_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2005
9 of 20
Philips Semiconductors
74LVC2G74
Single D-type flip-flop with set and reset; positive edge trigger
trec
recovery time
set SD or reset RD
see Figure 7
VCC = 1.65 V to 1.95 V
1.9
-
-
ns
VCC = 2.3 V to 2.7 V
1.4
-
-
ns
VCC = 2.7 V
1.3
-
-
ns
VCC = 3.0 V to 3.6 V
1.2
−3.0 [2]
-ns
VCC = 4.5 V to 5.5 V
1.0
-
-
ns
tsu
setup time
DtoCP
see Figure 6
VCC = 1.65 V to 1.95 V
2.9
-
-
ns
VCC = 2.3 V to 2.7 V
1.7
-
-
ns
VCC = 2.7 V
1.7
-
-
ns
VCC = 3.0 V to 3.6 V
1.3
0.5 [2]
-ns
VCC = 4.5 V to 5.5 V
1.1
-
-
ns
th
hold time
DtoCP
see Figure 6
VCC = 1.65 V to 1.95 V
0.0
-
-
ns
VCC = 2.3 V to 2.7 V
0.3
-
-
ns
VCC = 2.7 V
0.5
-
-
ns
VCC = 3.0 V to 3.6 V
1.2
0.6 [2]
-ns
VCC = 4.5 V to 5.5 V
0.5
-
-
ns
fmax
maximum input clock
frequency
see Figure 6
VCC = 1.65 V to 1.95 V
80
-
-
MHz
VCC = 2.3 V to 2.7 V
175
-
-
MHz
VCC = 2.7 V
175
-
-
MHz
VCC = 3.0 V to 3.6 V
175
280 [2]
-
MHz
VCC = 4.5 V to 5.5 V
200
-
-
MHz
Table 10:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com