Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G74DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVC2G74DP
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G74DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC2G74DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 10Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 13Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 14Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 15Page - NXP Semiconductors 74LVC2G74DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
74LVC2G74_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2005
12 of 20
Philips Semiconductors
74LVC2G74
Single D-type flip-flop with set and reset; positive edge trigger
13. Waveforms
Measurement points are given in Table 11.
The shaded areas indicate when the input is permitted to change for predictable output
performance.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6.
The clock input (CP) to output (Q, Q) propagation delays, the clock pulse width,
the D to CP set-up, the CP to D hold times and the maximum clock pulse
frequency
Table 11:
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
× VCC
0.5
× VCC
2.3 V to 2.7 V
0.5
× VCC
0.5
× VCC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× VCC
mnb141
th
tsu
th
tPHL
tPHL
tPLH
tPLH
tsu
1/fmax
VM
VM
VM
VI
GND
tW
VM
VI
GND
CP input
D input
VOH
VOL
Q output
VOH
VOL
Q output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com