Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST10H100SF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPST10H100SF
Description  100 V - 10 A power Schottky trench diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST10H100SF Datasheet(HTML) 1 Page - STMicroelectronics

  STPST10H100SF Datasheet HTML 1Page - STMicroelectronics STPST10H100SF Datasheet HTML 2Page - STMicroelectronics STPST10H100SF Datasheet HTML 3Page - STMicroelectronics STPST10H100SF Datasheet HTML 4Page - STMicroelectronics STPST10H100SF Datasheet HTML 5Page - STMicroelectronics STPST10H100SF Datasheet HTML 6Page - STMicroelectronics STPST10H100SF Datasheet HTML 7Page - STMicroelectronics STPST10H100SF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
•
ST trench process
•
High junction temperature capability
•
Low forward voltage drop
•
Low recovery charges
•
Reduces conduction, reverse and switching losses
•
Flat package
•
ECOPACK2 compliant
Applications
•
DC/DC converter
•
Auxiliary power supply
•
High switching frequency converter
•
Flyback topology
•
Freewheeling function
•
Secondary rectification
Description
This 10 A, 100 V rectifier is based on ST trench technology that achieves the best in
class VF/IR trade-off for a given silicon surface.
Integrated in flat packages, this STPST10H100 trench device is intended to be used
in high frequency miniature switched mode power supplies such as adaptors. It is
also an ideal candidate for auxiliary power supply in telecom, server, lighting or smart
metering and can be the perfect companion device to our VIPer products.
Product status link
STPST10H100
Product summary
IF(AV)
10 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.565 V
100 V - 10 A power Schottky trench diode
STPST10H100
Datasheet
DS13612 - Rev 1 - January 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPST10H100SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST10H100SF STMICROELECTRONICS-STPST10H100SF Datasheet
558Kb / 9P
100 V - 10 A power Schottky trench diode
21-Jul-2023
STPST10H100SFY STMICROELECTRONICS-STPST10H100SFY Datasheet
565Kb / 9P
Automotive 100 V - 10 A power Schottky trench diode
24-Jul-2023
More results

Similar Description - STPST10H100SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST10H100SB-Y STMICROELECTRONICS-STPST10H100SB-Y Datasheet
395Kb / 9P
Automotive 100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST10H100SB STMICROELECTRONICS-STPST10H100SB Datasheet
391Kb / 9P
100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST12H100 STMICROELECTRONICS-STPST12H100 Datasheet
479Kb / 9P
100 V - 12 A power Schottky trench rectifier
02-Jan-2023
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com