Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST10H100SF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPST10H100SF
Description  100 V - 10 A power Schottky trench diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST10H100SF Datasheet(HTML) 2 Page - STMicroelectronics

  STPST10H100SF Datasheet HTML 1Page - STMicroelectronics STPST10H100SF Datasheet HTML 2Page - STMicroelectronics STPST10H100SF Datasheet HTML 3Page - STMicroelectronics STPST10H100SF Datasheet HTML 4Page - STMicroelectronics STPST10H100SF Datasheet HTML 5Page - STMicroelectronics STPST10H100SF Datasheet HTML 6Page - STMicroelectronics STPST10H100SF Datasheet HTML 7Page - STMicroelectronics STPST10H100SF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified, with 2 anode terminals
short-circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(AV)
Average forward current, δ = 0.5 square wave
Tc = 155 °C(1)
10
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
235
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(2)
+175
°C
1. Value based on Rth(j-c)(max.).
2. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Typ. value
Unit
Rth(j-c)
Junction to case
PSMC (TO-277)
1.25
°C/W
For more information, please refer to the following application note:
•
AN5088: Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 125 °C
VR = 70 V
-
2
6.4
mA
Tj = 25 °C
VR = 100 V
-
26
µA
Tj = 125 °C
-
4
13.5
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
0.535
0.590
V
Tj = 125 °C
-
0.460
0.520
Tj = 25 °C
IF = 10 A
-
0.635
0.700
Tj = 125 °C
-
0.565
0.620
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.42 x IF(AV) + 0.020 x IF2(RMS)
For more information, please refer to the following application notes related to the power losses :
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses on a power diode
STPST10H100
Characteristics
DS13612 - Rev 1
page 2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com