Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85311AMILF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 85311AMILF
Description  Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85311AMILF Datasheet(HTML) 3 Page - Renesas Technology Corp

  85311AMILF Datasheet HTML 1Page - Renesas Technology Corp 85311AMILF Datasheet HTML 2Page - Renesas Technology Corp 85311AMILF Datasheet HTML 3Page - Renesas Technology Corp 85311AMILF Datasheet HTML 4Page - Renesas Technology Corp 85311AMILF Datasheet HTML 5Page - Renesas Technology Corp 85311AMILF Datasheet HTML 6Page - Renesas Technology Corp 85311AMILF Datasheet HTML 7Page - Renesas Technology Corp 85311AMILF Datasheet HTML 8Page - Renesas Technology Corp 85311AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
©2016 Integrated Device Technology, Inc.
Revision B, February 18, 2016
85311I Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 3A. Power Supply DC Characteristics, VCC = 3.3V±5% or 2.5V±5%, VEE = 0V, TA = -40°C to 85°C
Table 3B. Differential DC Characteristics, VCC = 3.3V±5% or 2.5V±5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as VIH.
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO 
Continuos Current
Surge Current
50mA
100mA
Storage Temperature, TSTG
-65
C to 150C
Package Thermal Impedance,
JA
103
C/W (0 lfpm)
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
V
IEE
Power Supply Current
25
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
nCLK
VCC = VIN = 3.465V or 2.625V
5
µA
CLK
VCC = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
nCLK
VCC = 3.465V or 2.625V, VIN = 0V
-150
µA
CLK
VCC = 3.465V or 2.625V, VIN = 0V
-5
µA
VPP
Peak-to-Peak Input Voltage;
NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
VEE + 0.5
VCC – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com