Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85311AMILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 85311AMILF
Description  Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85311AMILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  85311AMILF Datasheet HTML 1Page - Renesas Technology Corp 85311AMILF Datasheet HTML 2Page - Renesas Technology Corp 85311AMILF Datasheet HTML 3Page - Renesas Technology Corp 85311AMILF Datasheet HTML 4Page - Renesas Technology Corp 85311AMILF Datasheet HTML 5Page - Renesas Technology Corp 85311AMILF Datasheet HTML 6Page - Renesas Technology Corp 85311AMILF Datasheet HTML 7Page - Renesas Technology Corp 85311AMILF Datasheet HTML 8Page - Renesas Technology Corp 85311AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
©2016 Integrated Device Technology, Inc.
Revision B, February 18, 2016
General Description
The 85311I is a low skew, high performance 1-to-2
Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer. The CLK,
nCLK pair can accept most standard differential input levels.The
85311I is characterized to operate from either a 2.5V or a 3.3V
power supply. Guaranteed output and part-to-part skew
characteristics make the 85311I ideal for those clock distribution
applications demanding well defined performance and repeatability.
Features
• Two differential 2.5V/3.3V LVPECL / ECL outputs
• One CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input levels:
LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 1GHz
• Translates any single ended input signal to 3.3V LVPECL levels
with resistor bias on nCLK input
• Output skew: 20ps (maximum)
• Part-to-part skew: 350ps (maximum)
• Propagation delay: 2.1ns (maximum)
• Additive phase jitter, RMS: 0.14ps (typical), 3.3V
• LVPECL mode operating voltage supply range: 
V
CC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -2.375V to -3.465V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
Q0
nQ0
Q1
nQ1
CLK
nCLK Pullup
Pulldown
1
2
3
4
8
7
6
5
VCC
CLK
nCLK
VEE
Q0
Q1
nQ1
nQ0
85311I
8-Lead SOIC
3.90mm x 4.903mm x 1.37mm package body
M Package
Top View
Pin Assignment
Block Diagram
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V
LVPECL/ ECL Fanout Buffer
85311I
Datasheet


Similar Part No. - 85311AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85311AMILF IDT-85311AMILF Datasheet
315Kb / 17P
Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85311AMILFT IDT-85311AMILFT Datasheet
315Kb / 17P
Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
More results

Similar Description - 85311AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
REV. A JUNE 29, 2001
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
853S011B IDT-853S011B Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com