Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87LPC769 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 28Page - NXP Semiconductors 87LPC769 Datasheet HTML 29Page - NXP Semiconductors 87LPC769 Datasheet HTML 30Page - NXP Semiconductors 87LPC769 Datasheet HTML 31Page - NXP Semiconductors 87LPC769 Datasheet HTML 32Page - NXP Semiconductors 87LPC769 Datasheet HTML 33Page - NXP Semiconductors 87LPC769 Datasheet HTML 34Page - NXP Semiconductors 87LPC769 Datasheet HTML 35Page - NXP Semiconductors 87LPC769 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
29
SU01167
CLOCK SELECT
CLOCK
SOURCES
CLOCK
OUT
XTAL
SELECT
INTERNAL RC OSCILLATOR
CRYSTAL: LOW FREQUENCY
CRYSTAL: MEDIUM FREQUENCY
CRYSTAL: HIGH FREQUENCY
EXTERNAL CLOCK INPUT
10-BIT RIPPLE COUNTER
RESET
COUNT
COUNT 256
COUNT 1024
OSCILLATOR STARTUP TIMER
DIVIDE-BY-M
(DIVM REGISTER)
AND
CLKR SELECT
CPU
CLOCK
÷1/÷2
CLKR
(UCFG1.3)
POWER DOWN
POWER MONITOR RESET
FOSC0 (UCFG1.0)
FOSC1 (UCFG1.1)
FOSC2 (UCFG1.2)
Figure 21. Block Diagram of Oscillator Control
CPU Clock Modification: CLKR and DIVM
For backward compatibility, the CLKR configuration bit allows
setting the 87LPC769 instruction and peripheral timing to match
standard 80C51 timing by dividing the CPU clock by two. Default
timing for the 87LPC769 is 6 CPU clocks per machine cycle while
standard 80C51 timing is 12 clocks per machine cycle. This
division also applies to peripheral timing, allowing 80C51 code that
is oscillator frequency and/or timer rate dependent. The CLKR bit
is located in the EPROM configuration register UCFG1, described
under EPROM Characteristics
In addition to this, the CPU clock may be divided down from the
oscillator rate by a programmable divider, under program control.
This function is controlled by the DIVM register. If the DIVM register
is set to zero (the default value), the CPU will be clocked by either
the unmodified oscillator rate, or that rate divided by two, as
determined by the previously described CLKR function.
When the DIVM register is set to some value N (between 1 and 255),
the CPU clock is divided by 2 * (N + 1). Clock division values from 4
through 512 are thus possible. This feature makes it possible to
temporarily run the CPU at a lower rate, reducing power consumption,
in a manner similar to Idle mode. By dividing the clock, the CPU can
retain the ability to respond to events other than those that can cause
interrupts (i.e. events that allow exiting the Idle mode) by executing its
normal program at a lower rate. This can allow bypassing the
oscillator startup time in cases where Power Down mode would
otherwise be used. The value of DIVM may be changed by the
program at any time without interrupting code execution.
Power Monitoring Functions
The 87LPC769 incorporates power monitoring functions designed to
prevent incorrect operation during initial power up and power loss or
reduction during operation. This is accomplished with two hardware
functions: Power-On Detect and Brownout Detect.
Brownout Detection
The Brownout Detect function allows preventing the processor from
failing in an unpredictable manner if the power supply voltage drops
below a certain level. The default operation is for a brownout
detection to cause a processor reset, however it may alternatively
be configured to generate an interrupt by setting the BOI bit in the
AUXR1 register (AUXR1.5).
The 87LPC769 has a Brownout level of 3.8 V. When VDD drops
below the selected voltage, the brownout detector triggers and
remains active until VDD is returns to a level above the Brownout
Detect voltage. When Brownout Detect causes a processor reset,
that reset remains active as long as VDD remains below the
Brownout Detect voltage. When Brownout Detect generates an
interrupt, that interrupt occurs once as VDD crosses from above to
below the Brownout Detect voltage. For the interrupt to be
processed, the interrupt system and the BOI interrupt must both be
enabled (via the EA and EBO bits in IEN0).
When Brownout Detect is activated, the BOF flag in the PCON
register is set so that the cause of processor reset may be determined
by software. This flag will remain set until cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com