Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87LPC769 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 30Page - NXP Semiconductors 87LPC769 Datasheet HTML 31Page - NXP Semiconductors 87LPC769 Datasheet HTML 32Page - NXP Semiconductors 87LPC769 Datasheet HTML 33Page - NXP Semiconductors 87LPC769 Datasheet HTML 34Page - NXP Semiconductors 87LPC769 Datasheet HTML 35Page - NXP Semiconductors 87LPC769 Datasheet HTML 36Page - NXP Semiconductors 87LPC769 Datasheet HTML 37Page - NXP Semiconductors 87LPC769 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
31
Table 9. Sources of Wakeup from Power Down Mode
Wakeup Source
Conditions
External Interrupt 0 or 1
The corresponding interrupt must be enabled.
Keyboard Interrupt
The keyboard interrupt feature must be enabled and properly set up. The corresponding interrupt must be
enabled.
Comparator 1 or 2
The comparator(s) must be enabled and properly set up. The corresponding interrupt must be enabled.
Watchdog Timer Reset
The watchdog timer must be enabled via the WDTE bit in the UCFG1 EPROM configuration byte.
Watchdog Timer Interrupt
The WDTE bit in the UCFG1 EPROM configuration byte must not be set. The corresponding interrupt must
be enabled.
Brownout Detect Reset
The BOD bit in AUXR1 must not be set (brownout detect not disabled). The BOI bit in AUXR1 must not be
set (brownout interrupt disabled).
Brownout Detect Interrupt
The BOD bit in AUXR1 must not be set (brownout detect not disabled). The BOI bit in AUXR1 must be set
(brownout interrupt enabled). The corresponding interrupt must be enabled.
Reset Input
The external reset input must be enabled.
A/D converter
Must use internal RC clock (RCCLK = 1) for A/D converter to work in Power Down mode. The A/D must be
enabled and properly set up. The corresponding interrupt must be enabled.
Some chip functions continue to operate and draw power during
Power Down mode, increasing the total power used during Power
Down. These include the Brownout Detect, Watchdog Timer,
Comparators, and the A/D Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com